Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCMB810 Datasheet(PDF) 1 Page - Allied Components International

Part # VCMB810
Description  Common Mode Choke with Base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

VCMB810 Datasheet(HTML) 1 Page - Allied Components International

  VCMB810 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VCMB810 Common Mode Choke with Base
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
All specifications subject to change without notice.
0.250
0.250
0.400
0.400
0.400
0.400
0.600
0.600
0.600
0.600
0.600
0.600
0.600
0.600
0.600
0.700
0.700
0.700
VCMB8101-RC
VCMB8102-RC
VCMB8105-RC
VCMB8106-RC
VCMB8107-RC
VCMB8108-RC
VCMB8109-RC
VCMB8111-RC
VCMB8112-RC
VCMB8113-RC
VCMB8114-RC
VCMB8115-RC
VCMB8116-RC
VCMB8117-RC
VCMB8118-RC
VCMB8119-RC
VCMB8120-RC
VCMB8121-RC
Allied
Part
Number
L(mH)
Min
IDC
(A)
Dim
B±0.01
Inch
Dim
C±0.015
4
2.5
7
5
2
1
30
12
8
5
2.5
1.2
50
36
7.3
4
2.4
1
0.760
0.760
1.20
1.20
1.20
1.20
1.35
1.35
1.35
1.45
1.45
1.50
1.55
1.55
1.65
1.70
1.70
1.70
0.173
0.090
0.120
0.070
0.022
0.010
0.330
0.110
0.055
0.022
0.011
0.006
0.450
0.300
0.032
0.012
0.008
0.007
0.425
0.425
0.60
0.60
0.60
0.60
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.90
0.90
0.90
0.600
0.600
0.800
0.800
0.800
0.800
0.900
0.900
0.900
0.900
0.900
0.900
0.900
0.900
0.900
1.200
1.200
1.200
Dim
A Max
Inch
1.7
2.4
2.8
3.7
6.6
10
2.3
4.0
5.6
8.9
12.5
16.0
2.3
2.9
9.3
14.5
17
20
0.600
VCMB8110-RC
20
1.35
0.210
0.80
0.900
2.9
0.250
0.400
VCMB8103-RC
VCMB8104-RC
1
10
0.760
1.20
0.022
0.170
0.425
0.60
0.600
0.800
4.8
2.4
DCR
Features
• Solid Base for Stable Verticle Mounting
• Wide Range of Values and Current Ratings
• Excellent EMI Suppression
• Fixed Pins for easy PCB insertion
Electrical
Inductance Range:
Tolerance: Inductance shown in min. L
Test Frequency: 1KHz
Dielectric Strength: 1500Vrms
Base:
VW-1 Flamability Rating
1.0mH to 50mH
Operating Temp: -55ºC ~ 105ºC
Temp Rise:
Idc based on a 35ºC temp rise Typ.
REVISED 12/08/10
@ 1KHZ
(Ω)
Max.
Inch
Dim
D±0.015
Inch
Dim
E Max
Inch
Dim
F Max
Inch
0.90
0.90
1.20
1.20
1.20
1.20
1.45
1.45
1.45
1.50
1.50
1.53
1.65
1.65
1.65
1.65
1.65
1.65
1.45
0.90
1.20
0.040
0.040
0.050
0.050
0.050
0.050
0.050
0.050
0.050
0.043
0.053
0.060
0.050
0.050
0.043
0.060
0.067
0.067
0.050
0.040
0.050


Similar Part No. - VCMB810

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
VCMB8101-RC ALLIED-VCMB8101-RC Datasheet
862Kb / 1P
Common Mode Choke with Base
VCMB8101-RC ALLIED-VCMB8101-RC Datasheet
1Mb / 1P
Common Mode Choke
VCMB8102-RC ALLIED-VCMB8102-RC Datasheet
862Kb / 1P
Common Mode Choke with Base
VCMB8102-RC ALLIED-VCMB8102-RC Datasheet
1Mb / 1P
Common Mode Choke
VCMB8103-RC ALLIED-VCMB8103-RC Datasheet
862Kb / 1P
Common Mode Choke with Base
More results

Similar Description - VCMB810

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
PCA ELECTRONICS INC.
EPE6130S PCA-EPE6130S Datasheet
27Kb / 1P
10 Base-T Isolation Transformer with Common Mode Choke
logo
Allied Components Inter...
VCM7101-RC ALLIED-VCM7101-RC Datasheet
496Kb / 1P
Common Mode Choke
VCMB8101-RC ALLIED-VCMB8101-RC Datasheet
862Kb / 1P
Common Mode Choke with Base
logo
XFMRS Inc.
XF0473-HPCMC XFMRS-XF0473-HPCMC_10 Datasheet
108Kb / 1P
COMMON MODE CHOKE
logo
ice Components, Ins.
CS01 ICE-CS01_08 Datasheet
403Kb / 2P
Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
COMMON MODE CHOKE
logo
Dongguan Mentech Optica...
CM15R7DG503U MNC-CM15R7DG503U Datasheet
133Kb / 2P
COMMON MODE CHOKE
logo
List of Unclassifed Man...
20F001N ETC-20F001N Datasheet
15Kb / 2P
10 Base T Filter with Common Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com