Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC648D Datasheet(PDF) 1 Page - Mallory performance club

Part # SC648D
Description  Sales Outline Drawing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

SC648D Datasheet(HTML) 1 Page - Mallory performance club

  SC648D Datasheet HTML 1Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #
Mallory Sonalert Products Inc.
SC648D
Revision
Sales Outline Drawing
C
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A
• Phone: (317)612-1000 Fax: (317)612-1010 • www.mallory-sonalert.com
Specifications:
Sound level Category
Medium Sound Level
Mode of Operation
Continuous tone
Mounting
Panel (see note B)
Voltage Rating
10-48 Vdc
Frequency
1900 Hz
±300 Hz
Loudness
(Min. Voltage)
60 dB(A) min. @ 2 FT and 10 Vdc
Loudness
(Max Voltage)
75 dB(A) min. @ 2FT and 48 Vdc
Current Draw
4 mA Max @ 10 Vdc
Current Draw
20 mA Max @ 48 Vdc
Storage Temperature
-40°C to +85°C
Operating Temperature
-30°C to +65°C
Weight (Typical)
1.5 oz (42 g)
Housing
6/6 Nylon, Color Black
Options
For other options contact factory
Dimensions: Inches (mm)
UL Recognized


Similar Part No. - SC648D

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SC648DR MSPI-SC648DR Datasheet
52Kb / 1P
Voltage Rating 10 to 48 VDC
More results

Similar Description - SC648D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT-2020P ETC-PT-2020P Datasheet
91Kb / 1P
Sales Outline Drawing
logo
Mallory performance clu...
SC110D MALLORY-SC110D Datasheet
77Kb / 1P
Sales Outline Drawing
PSR1511N08S3K MALLORY-PSR1511N08S3K Datasheet
110Kb / 1P
Sales Outline Drawing
logo
Mallory Sonalert Produc...
AST100Q MSPI-AST100Q Datasheet
93Kb / 1P
Sales Outline Drawing
AST100TRQ MSPI-AST100TRQ Datasheet
93Kb / 1P
Sales Outline Drawing
AST501Q MSPI-AST501Q Datasheet
110Kb / 1P
Sales Outline Drawing
AST0727MW-3.6ATRQ MSPI-AST0727MW-3.6ATRQ Datasheet
172Kb / 1P
Sales Outline Drawing
AST0927ME-05TRQ MSPI-AST0927ME-05TRQ Datasheet
100Kb / 1P
Sales Outline Drawing
AST0927MW-03Q MSPI-AST0927MW-03Q Datasheet
118Kb / 1P
Sales Outline Drawing
AST0932ME-05TRQ MSPI-AST0932ME-05TRQ Datasheet
92Kb / 1P
Sales Outline Drawing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com