Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC540 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # LVC540
Description  Octal Buffers / Line Drivers with 3-state Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

LVC540 Datasheet(HTML) 6 Page - Hitachi Semiconductor

  LVC540 Datasheet HTML 1Page - Hitachi Semiconductor LVC540 Datasheet HTML 2Page - Hitachi Semiconductor LVC540 Datasheet HTML 3Page - Hitachi Semiconductor LVC540 Datasheet HTML 4Page - Hitachi Semiconductor LVC540 Datasheet HTML 5Page - Hitachi Semiconductor LVC540 Datasheet HTML 6Page - Hitachi Semiconductor LVC540 Datasheet HTML 7Page - Hitachi Semiconductor LVC540 Datasheet HTML 8Page - Hitachi Semiconductor LVC540 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HD74LVC540A
6
Test Circuit
VCC
VCC
Input
Pulse generator
Z
= 50
out
Ω
500
C =
50 pF
L
450
OPEN
*1 See under table
GND
50
Scope
Ω
Ω
Ω
G1
G2
A1
Y1
Output
S1
Symbol
S1
t
/ t
PLH
PHL
OPEN
GND
6 V
t
/ t
ZH
HZ
t
/ t
ZL
LZ
OPEN
GND
2
×Vcc
Vcc=2.7V,
3.3
±0.3V
Vcc=5.0
±0.5V
Notes:
1.
C
L includes probe and jig capacitance.
2.
A2-
Y2 to A8-Y8 are identical to above load circuit.
Waveforms – 1
tPLH
tPHL
VOH
VOL
Input A
10 %
GND
90 %
tf
tr
10 %
90 %
Output Y
VIH
Vref
Vref
Vref
Vref
Notes:
1.
t
r = 2.5 ns, tf = 2.5 ns
2.
Input waveform : PRR = 10 MHz, duty cycle 50%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com