Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC74 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HD74LVC74
Description  Dual D-type Flip Flops with Preset and Clear
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC74 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HD74LVC74 Datasheet HTML 1Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 7Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 8Page - Hitachi Semiconductor HD74LVC74 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HD74LVC74
3
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
V
CC
–0.5 to 6.0
V
Input diode current
I
IK
–50
mA
V
I = –0.5 V
Input voltage
V
I
–0.5 to 6.0
V
Output diode current
I
OK
–50
mA
V
O = –0.5 V
50
mA
V
O = VCC +0.5 V
Output voltage
V
O
–0.5 to V
CC +0.5 V
Output current
I
O
±50
mA
V
CC, GND current / pin
I
CC or IGND
100
mA
Storage temperature
Tstg
–65 to +150
°C
Note:
The absolute maximum ratings are values which must not individually be exceeded, and furthermore,
no two of which may be realized at the same time.
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
V
CC
1.5 to 5.5
V
Data retention
2.0 to 5.5
V
At operation
Input / output voltage
V
I
0 to 5.5
V
PR, CLR, CK, D
V
O
0 to V
CC
V
Q,
Q
Operating temperature
Ta
–40 to 85
°C
Output current
I
OH
–12
mA
V
CC = 2.7 V
–24
*2
mA
V
CC = 3.0 V to 5.5 V
I
OL
12
mA
V
CC = 2.7 V
24
*2
mA
V
CC = 3.0 V to 5.5 V
Input rise / fall time
*1
t
r, tf
10
ns/V
Notes: 1. This item guarantees maximum limit when one input switches.
Waveform : Refer to test circuit of switching characteristics.
2. duty cycle
≤ 50%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com