Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q970010 Datasheet(PDF) 1 Page - E-SWITCH

Part # Q970010
Description  ALL DIMENSIONS IN MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

Q970010 Datasheet(HTML) 1 Page - E-SWITCH

  Q970010 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
MS0850501F045V1A
2:1
3/25/2005
Q970010
H
AR
1
1
P.C. MOUTING
9.90
[.390 in]
2.90
[.114 in]
2.50
[.098 in]
10.60
[.417 in]
5.10
[.201 in]
n2.40
[.094 in]
O.P.
4.00
[.157 in]
n2.50
[.098 in]
19.80
[.780 in]
6.40
[.252 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=`0.4
X.XX=`0.25
3. RATING: 5A @125/250VAC UL, CUL, VDE APPROVED
4. OPERATING FORCE: 45`20 GRAMS
5. OPERATING TEMP: -25~C TO 85~C
6. ELECTRICAL LIFE: 50,000 CYCLES MIN.
7. MECHANICAL LIFE: 1,000,000 CYCLES TYP.
8. INSULATION RESISTANCE: 100 MEGA-OHMS
9. DIELECTRIC STRENGTH: 1000VAC 1 MINUTE (INITAL VALUE)
10. CONTACT RESISTANCE: 100 MILLI-OHMS MAX.
11.
DENOTES CRITICAL PARAMETER.
12. 2002/95/EC (ROHS) COMPLIANT
NC
NO
COM
CIRCUIT: SPDT
O.P. (MM)
P.T. (MM)
`
O.P. = OPERATING POINT
P.T. = PRE-TRAVEL
9.1
3.6 MAX
0.8
14.50 `.50
.571 `.020 in
[
]
9.50
[.374 in]
4.80
[.189 in]
P.T.
1.30
[.051 in]
2.80
[.110 in]
3.40
[.134 in]
1.85
[.073 in]
8.80
[.346 in]
7.30
[.287 in]
.60
[.024 in]
B
B
B
B
B
B
B
C
14950
REORDERED DIMENSIONS
5/24/05
JB
9.50
[.374 in]
3.25
[.128 in]
8.80
[.346 in]
7.30
[.287 in]
n1.75
[.069 in]
4.80
[.189 in]
n2.50
[.098 in]
D
15047
ADDED P.C. MOUNTING DIAGRAM
6/30/05
JB
D
F
15283
P.C. MOUNT DIM, ROHS NOTE
9/15/05
PH
G
15643
CHANGES NOTED
12/29/05
PH
G
G
H
15686
EDIT LIFE CYCLES
1/17/06
PH


Similar Part No. - Q970010

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
Q970010 E-SWITCH-Q970010 Datasheet
78Kb / 1P
ALL DIMENSIONS IN MM
More results

Similar Description - Q970010

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R072023 E-SWITCH-R072023 Datasheet
20Kb / 1P
All Dimensions In MM
R072025 E-SWITCH-R072025 Datasheet
20Kb / 1P
All Dimensions In MM
M309310 E-SWITCH-M309310 Datasheet
33Kb / 1P
All Dimensions In MM
P010351 E-SWITCH-P010351 Datasheet
180Kb / 1P
All Dimensions In MM
T312015 E-SWITCH-T312015 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM
T314019 E-SWITCH-T314019 Datasheet
51Kb / 1P
ALL DIMENSIONS IN MM
B040204 E-SWITCH-B040204 Datasheet
18Kb / 1P
ALL DIMENSIONS IN MM
Q970028 E-SWITCH-Q970028 Datasheet
59Kb / 1P
ALL DIMENSIONS IN MM
T110237 E-SWITCH-T110237 Datasheet
89Kb / 1P
ALL DIMENSIONS IN MM
T201223 E-SWITCH-T201223 Datasheet
65Kb / 1P
ALL DIMENSIONS IN MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com