Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0790-6CP Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T0790-6CP
Description  700 MHz to 2700 MHz Operating Frequency
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0790-6CP Datasheet(HTML) 2 Page - ATMEL Corporation

  T0790-6CP Datasheet HTML 1Page - ATMEL Corporation T0790-6CP Datasheet HTML 2Page - ATMEL Corporation T0790-6CP Datasheet HTML 3Page - ATMEL Corporation T0790-6CP Datasheet HTML 4Page - ATMEL Corporation T0790-6CP Datasheet HTML 5Page - ATMEL Corporation T0790-6CP Datasheet HTML 6Page - ATMEL Corporation T0790-6CP Datasheet HTML 7Page - ATMEL Corporation T0790-6CP Datasheet HTML 8Page - ATMEL Corporation T0790-6CP Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
T0790 [Preliminary]
4555B–SIGE–10/03
Pin Configuration
Figure 2. Pinning SSOP16
BBQ-
VCC
GND
RF+
RF-
GND
VCC
BBI-
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BBQ+
VCC
GND
LO+
LO-
GND
/SD
BBI+
Pin Description
Pin
Symbol
Function
1
BBQ+
Baseband Q-axis positive input
2
VCC
Supply voltage
3
GND
Ground
4
LO_IN+
Positive local oscillator input, nominal DC voltage is 2.0 V internally biased; input should be AC-coupled
5
LO_IN-
Negartive local oscillator input, nominal DC voltage is 2.0 V internally biased; input should be AC-coupled
6
GND
Ground
7
/SD
Shutdown control
8
BBI+
Baseband I-axis positive input
9
BBI-
Baseband I-axis negative input
10
VCC
Supply voltage
11
GND
Ground
12
RF_IN-
Negative RF output; nominal DC voltage is 2.4 Vinternally biased; input should be AC-coupled
13
RF_IN+
Positive RF output; nominal DC voltage is 2.4 V internally biased; input should be AC-coupled
14
GND
Ground
15
VCC
Supply voltage
16
BBQ-
Baseband Q-axis negative input
–
Paddle
Device ground and heat sink, requires good thermal path; RF reference plane
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Symbols
Value
Unit
Supply voltage, no RF
applied
V
CC
5.5
V
LO input signals
LO_IN-, LO_IN+
+10.0
dBm
Input voltage
BBI+, BBI-, BBQ+, BBQ-
3
V
Operating case
temperature
TC
-40 to +85
°C
Storage temperature
TSTG
-55 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com