Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2040V Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA2040V
Description  25-watt hi-fi audio power amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2040V Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA2040V Datasheet HTML 8Page - STMicroelectronics TDA2040V Datasheet HTML 9Page - STMicroelectronics TDA2040V Datasheet HTML 10Page - STMicroelectronics TDA2040V Datasheet HTML 11Page - STMicroelectronics TDA2040V Datasheet HTML 12Page - STMicroelectronics TDA2040V Datasheet HTML 13Page - STMicroelectronics TDA2040V Datasheet HTML 14Page - STMicroelectronics TDA2040V Datasheet HTML 15Page - STMicroelectronics TDA2040V Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Package mechanical data
TDA2040
14/16
Doc ID 1460 Rev 6
4
Package mechanical data
Figure 25.
Pentawatt V outline drawing
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A4.80
0.188
C1.370.054
D
2.40
2.80
0.094
0.11
D1
1.20
1.35
0.047
0.053
E0.35
0.55
0.014
0.022
E1
0.76
1.19
0.030
0.047
F0.80
1.05
0.031
0.041
F1
1.00
1.40
0.0390.055
G
3.20
3.40
3.60
0.126
0.1340.142
G1
6.60
6.80
7.00
0.260
0.267
0.275
H2
10.40
0.41
L
17.55
17.8518.15
0.691
0.703
0.715
L1
15.55
15.75
15.95
0.612
0.620
0.628
L2
21.2
21.4
21.6
0.8310.843
0.850
L3
22.3
22.5
22.7
0.878
0.8860.894
L4
1.29
0.051
L5
2.60
3.00
0.102
0.118
L6
15.10
15.80
0.594
0.622
L7
6.00
6.60
0.2360.260
L9
2.10
2.70
0.083
0.106
L10
4.304.80
0.170
0.189
M4.23
4.5
4.75
0.167
0.178
0.187
M1
3.75
4.0
4.25
0.148
0.157
0.187
V4
40˚ (Typ.)
V5
90˚ (Typ.)
DIA
3.65
3.85
0.143
0.151
Pentawatt V
0015981 F
L
L1
A
C
L5
D1
L2
L3
E
M1
M
D
H3
Dia.
L7
L9
L10
L6
F1
H2
F
GG1
E1
F
E
V4
RESIN BETWEEN
LEADS
H2
V5
V4
PENTVME
L4
Weight: 2.00gr
H3
10.40
0.409
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com