Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VTO110 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VTO110
Description  Three Phase Full Controlled Rectifier Bridge, B6C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VTO110 Datasheet(HTML) 1 Page - IXYS Corporation

  VTO110 Datasheet HTML 1Page - IXYS Corporation VTO110 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2008 IXYS All rights reserved
1 - 2
IXYS reserves the right to change limits, test conditions and dimensions.
20080227a
VTO 110
VTO 175
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated.
V
RSM
V
RRM
Type
V
DSM
V
DRM
V
V
1300
1200
VTO 110-12io7
VTO 175-12io7
1500
1400
VTO 110-14io7
VTO 175-14io7
1700
1600
VTO 175-16io7
Features
●
Package with screw terminals
●
Isolation voltage 3000 V~
●
Planar passivated chips
●
UL registered E72873
Applications
●
Input rectifier for PWM converter
●
Input rectifier for switch mode power
supplies (SMPS)
●
Softstart capacitor charging
Advantages
●
Easy to mount with two screws
●
Space and weight savings
●
Improved temperature and power
cycling
I
dAVM
= 110/167 A
V
RRM = 1200-1600 V
Symbol
Test Conditions
Maximum Ratings
VTO 110
VTO 175
I
dAV
T
C = 85°C; module
110
167
A
I
FRMS, ITRMS
per leg
58
89
A
I
FSM, ITSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
1150
1500
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1230
1600
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
1000
1350
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1070
1450
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
6600
11200
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
6280
10750
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
5000
9100
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
4750
8830
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 50 A
150
A/µs
f =400 Hz, t
P =200 µs
V
D = 2/3 VDRM
I
G = 0.3 A,
non repetitive
500
A/µs
di
G/dt = 0.3 A/µs, IT = 1/3 • IdAV
(dv/dt)
cr
T
VJ = TVJM;
V
DR = 2/3 VDRM
1000
V/µs
R
GK = ∞; method 1 (linear voltage rise)
V
RGM
10
V
P
GM
T
VJ = TVJM
t
p =30
µs
≤
10
W
I
T = ITAVM
t
p =
500 µs
≤
5W
t
p =10
ms
≤
1W
P
GAVM
0.5
W
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS t = 1 min
2500
V~
I
ISOL ≤ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque (M6)
5-15
Nm
Terminal connection torque (M6)
5-15
lb.in.
Weight
typ.
300
g
Three Phase Full Controlled
Rectifier Bridge, B6C
A
B
2
31
5
4
6
E
D
C
A
+
B
-
1
2
3
4
5
6
E
~
D
~
C
~
Preliminary data


Similar Part No. - VTO110

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VTO110 IXYS-VTO110 Datasheet
45Kb / 2P
Three Phase Full Controlled Rectifier Bridge
More results

Similar Description - VTO110

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VTO110 IXYS-VTO110 Datasheet
45Kb / 2P
Three Phase Full Controlled Rectifier Bridge
logo
Sirectifier Semiconduct...
S3PHB70 SIRECTIFIER-S3PHB70 Datasheet
271Kb / 2P
Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
logo
Semikron International
SKS360FB6C240V16 SEMIKRON-SKS360FB6C240V16 Datasheet
207Kb / 3P
Three-phase controlled bridge rectifier
SKS700NB6C470V16 SEMIKRON-SKS700NB6C470V16 Datasheet
208Kb / 3P
Three-phase controlled bridge rectifier
logo
Powersem GmbH
PSDT39 POWERSEM-PSDT39 Datasheet
186Kb / 2P
Three Phase Full Controlled Rectifier Bridge
PSDT74 POWERSEM-PSDT74 Datasheet
519Kb / 2P
Three Phase Full Controlled Rectifier Bridge, B6C
logo
Sirectifier Semiconduct...
S3PHB110 SIRECTIFIER-S3PHB110 Datasheet
313Kb / 3P
Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB180 SIRECTIFIER-S3PHB180 Datasheet
296Kb / 3P
Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
logo
Naina Semiconductor ltd...
NFS60 NAINA-NFS60 Datasheet
191Kb / 2P
Three Phase Full Controlled Bridge Rectifier, 60 Amps
NFS100 NAINA-NFS100 Datasheet
191Kb / 2P
Three Phase Full Controlled Bridge Rectifier, 100 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com