Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM628512CLP-7SL Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HM628512CLP-7SL
Description  4 M SRAM (512-kword x 8-bit)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628512CLP-7SL Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HM628512CLP-7SL Datasheet HTML 3Page - Hitachi Semiconductor HM628512CLP-7SL Datasheet HTML 4Page - Hitachi Semiconductor HM628512CLP-7SL Datasheet HTML 5Page - Hitachi Semiconductor HM628512CLP-7SL Datasheet HTML 6Page - Hitachi Semiconductor HM628512CLP-7SL Datasheet HTML 7Page - Hitachi Semiconductor HM628512CLP-7SL Datasheet HTML 8Page - Hitachi Semiconductor HM628512CLP-7SL Datasheet HTML 9Page - Hitachi Semiconductor HM628512CLP-7SL Datasheet HTML 10Page - Hitachi Semiconductor HM628512CLP-7SL Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
HM628512C Series
7
AC Characteristics (Ta = –20 to +70
°C, V
CC = 5 V ± 10%, unless otherwise noted.)
Test Conditions
• Input pulse levels: 0.8 V to 2.4 V
• Input rise and fall time: 5 ns
• Input and output timing reference levels: 1.5 V
• Output load: 1 TTL Gate + C
L (100 pF) (HM628512C-7)
1 TTL Gate + C
L (50 pF) (HM628512C-5)
(Including scope & jig)
Read Cycle
HM628512C
-5
-7
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
Read cycle time
t
RC
55
—
70
—
ns
Address access time
t
AA
—
55
—
70
ns
Chip select access time
t
CO
—
55
—
70
ns
Output enable to output valid
t
OE
—
25
—
35
ns
Chip selection to output in low-Z
t
LZ
10
—
10
—
ns
2
Output enable to output in low-Z
t
OLZ
5
—
5
—
ns
2
Chip deselection to output in high-Z
t
HZ
0
20
0
25
ns
1, 2
Output disable to output in high-Z
t
OHZ
0
20
0
25
ns
1, 2
Output hold from address change
t
OH
10
—
10
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com