Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q971002 Datasheet(PDF) 1 Page - E-SWITCH

Part # Q971002
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

Q971002 Datasheet(HTML) 1 Page - E-SWITCH

  Q971002 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
SS0750300F070S1A
4:1
10/2/2008
Q971002
D
BLR
1
1
PANEL MOUNTING
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=`0.4
X.XX=`0.25
3. RATING: 3A @125VAC
1.5A @250VAC UL
4. OPERATING FORCE: 70`20 GRAMS
5. OPERATING TEMP: -25~C TO 75~C
6. ELECTRICAL LIFE: 10,000 CYCLES MIN.
7. INSULATION RESISTANCE: 100 MEGA-OHMS MIN.
8. DIELECTRIC STRENGTH: 500VAC - 1 MINUTE
9.
DENOTES CRITICAL PARAMETER.
10. 2002/95/EC (ROHS) COMPLIANT
11. PACKAGED IN TRAYS, 200 PIECES PER TRAY
B
18089
ADD NOTE 11
5/9/08
RC
COM
NC
NO
CIRCUIT: SPDT
12.70
[.500 in]
6.50
[.256 in]
2.90
[.114 in]
6.50
[.256 in]
5.80
[.228 in]
5.75
[.226 in]
ISOMETRIC
SCALE: 3:1
2.00
[.079 in]
1.50
[.059 in]
3.15
[.124 in]
5.20
[.205 in]
C
NO
NC
5.08
[.200 in]TYP.
2.20
[.087 in]TYP.
.40
[.016 in]TYP.
4.40
[.173 in]
1.20
[.047 in]
n2.00
[.079 in]
3.50
[.138 in]
12.80
[.504 in]
n2.10
[.083 in]
(2)
6.50
[.256 in]
O.P. (MM)
P.T. (MM)
`
O.P. = OPERATING POINT
P.T. = PRE-TRAVEL
7.0
0.35
0.2
OP
PT
C
18157
REMOVE CE APPROVED FROM NOTES
6/24/08
BLR
D
18266
FIX DRAWING TITLE
10/2/08
BLR


Similar Part No. - Q971002

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
Q971000 E-SWITCH-Q971000 Datasheet
124Kb / 1P
ALL DIMENSIONS IN MM [INCH]
Q971001 E-SWITCH-Q971001 Datasheet
102Kb / 1P
ALL DIMENSIONS IN MM [INCH]
Q971003 E-SWITCH-Q971003 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM [INCH]
Q971004 E-SWITCH-Q971004 Datasheet
144Kb / 1P
ALL DIMENSIONS IN MM [INCH]
Q971006 E-SWITCH-Q971006 Datasheet
46Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - Q971002

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com