Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3A Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # ES3A
Description  Superfast Efficient Surface Mount Silicon Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ES3A Datasheet(HTML) 2 Page - Diotec Semiconductor

  ES3A_13 Datasheet HTML 1Page - Diotec Semiconductor ES3A_13 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ES3A ... ES3J
Characteristics
Kennwerte
Type
Typ
Reverse recovery time
Sperrverzugszeit
t
rr [ns]
1)
Forward voltage
Durchlass-Spannung
V
F [V]
at / bei
I
F [A]
ES3A...ES3D
< 20
< 0.9
3
ES3F...ES3G
< 25
< 1.3
3
ES3J
< 35
< 1.5
3
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
VR = VRRM
IR
IR
< 5 µA
< 500 µA
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 40 K/W 2)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht – Anschluss
RthL
< 10 K/W
1
I
F = 0.5 A through/über IR = 1 A to/auf IR = 0.25 A
2
Mounted on P.C. board with 50 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 50 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
Rated forward current vs. temp. of the terminals
in Abh. v. d. Temp. der Terminals
Zul. Richtstrom
120
100
80
60
40
20
0
I
FAV
[%]
[°C]
T
T
150
100
50
0
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
[V]
V
F
10
1
0.1
10
10
-2
-3
ES3A...D
T = 25°C
j
ES3F...G
ES3J



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com