Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4800AGM-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP4800AGM-HF
Description  Simple Drive Requirement
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4800AGM-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP4800AGM-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4800AGM-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4800AGM-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4800AGM-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Simple Drive Requirement
BVDSS
30V
▼ Low On-resistance
RDS(ON)
18mΩ
▼ Fast Switching Characteristic
ID
9.6A
▼ RoHS Compliant
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
℃
TJ
℃
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
50
℃
/W
Data and specifications subject to change without notice
200902049
1
AP4800AGM-HF
Rating
Halogen-Free Product
30
+25
9.6
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
3
-55 to 150
Continuous Drain Current
3
7.7
Pulsed Drain Current
1
40
0.02
Storage Temperature Range
2.5
-55 to 150
Thermal Data
Parameter
Total Power Dissipation
Operating Junction Temperature Range
Linear Derating Factor
Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The SO-8 package is widely preferred for commercial-industrial
surface mount applications and suited for low voltage applications
such as DC/DC converters.
S
S
S
G
D
D
D
D
SO-8
G
D
S


Similar Part No. - AP4800AGM-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4800AGM-HF A-POWER-AP4800AGM-HF Datasheet
99Kb / 4P
Simple Drive Requirement, Low On-resistance
More results

Similar Description - AP4800AGM-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3310GJ-HF A-POWER-AP3310GJ-HF Datasheet
111Kb / 6P
Simple Drive Requirement, Simple Drive Requirement
AP0103GMT-HF A-POWER-AP0103GMT-HF_16 Datasheet
53Kb / 5P
Simple Drive Requirement
AP0803GMT-HF A-POWER-AP0803GMT-HF_16 Datasheet
52Kb / 5P
Simple Drive Requirement
AP11N50I A-POWER-AP11N50I_16 Datasheet
59Kb / 5P
Simple Drive Requirement
AP85U03GMT-HF A-POWER-AP85U03GMT-HF_16 Datasheet
99Kb / 5P
Simple Drive Requirement
AP2304AGN-HF A-POWER-AP2304AGN-HF_16 Datasheet
63Kb / 5P
Simple Drive Requirement
AP2309GN-HF A-POWER-AP2309GN-HF_16 Datasheet
103Kb / 5P
Simple Drive Requirement
AP92T12GP-HF A-POWER-AP92T12GP-HF_16 Datasheet
52Kb / 5P
Simple Drive Requirement
AP92U03GP-HF A-POWER-AP92U03GP-HF_16 Datasheet
53Kb / 5P
Simple Drive Requirement
AP94T07GI-HF A-POWER-AP94T07GI-HF Datasheet
99Kb / 5P
Simple Drive Requirement
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com