Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P8202 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P8202
Description  smt Current Sense Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P8202 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P8202 Datasheet HTML 1Page - Pulse A Technitrol Company P8202 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.215
5.50 MAX
Current 2
Secondary
DCR (mW MAX)
Part 6,7
Turns
Rating
Inductance
Primary
Secondary
Hipot
Number
Ratio
(A)
(mH MIN)
(8-7)
(1-3)
(V
RMS)
P8202NL
1:20
10
0.08
6
550
500
P8203NL
1:30
10
0.18
6
870
500
P8204NL
1:40
10
0.32
6
1140
500
P8205NL
1:50
10
0.50
6
1500
500
P8206NL
1:60
10
0.72
6
2250
500
P8207NL
1:70
10
0.98
6
4750
500
P8208NL
1:100
10
2.00
6
5500
500
P8209NL
1:125
10
3.00
6
6500
500
smt Current sense
transformers
P820X Series
�
�
�
�
Weight ..............0.34 grams
Tray .................. 120/tray
Tape & Reel ............ 900/reel
Coplanarity ........ 0.004 inches
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
electrical specifications @ 25°C — operating temperature -40°C to +130°C
NOTES:
1. The temperature of the component (ambient temperature plus
temperature rise) must be within the specified operating temperature range.
2.The maximum current rating is based upon temperature rise of the
component and represents the DC current which will cause a typical
temperature rise of 40°C with no airflow when both one turn windings
connected in parallel.
3. To calculate the value of the terminating resistor (Rt) use the following
formula: Rt (W) = Vref * N / (Ipeak_primary)
4. The peak flux density of the device must remain below 2000 Gauss. To
calculate the peak flux density for uni-polar current use following formula:
Bpk = 37.59 * Vref * (Duty_Cycle_Max) * 105 / ( N * Freq_kHz)
* for bi-polar current applications divide Bpk (as calculated above) by 2.
5. Part numbers
P8222 to P8229 are reverse polarity versions of P820X.
6. Optional Tape & Reel packaging can be ordered by adding a “
T” suffix to
the part number (i.e. P8202NL becomes P8202NL
T). Pulse complies to
industry standard tape and reel specification EIA481.
7. The “NL” suffix indicates an RoHS-compliant part number. Non-NL suffixed
parts are not necessarily RoHS compliant, but are electrically and mechanically
equivalent to NL versions. If a part number does not have the “
NL” suffix, but
an RoHS compliant version is required, please contact Pulse for availability.
mechanical
schematic
����������
����
��
�
�
��������
��������������������
Height: 5.5mm Max
Footprint: 8.4mm x 7.2mm Max
Current Rating: up to 10A
Frequency Range: 50kHz to 1MHz
Lower Primary DCR version available: PA1005.XXX series
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 32181071 • China 86 755 33966678 • Taiwan 886 3 4643715
www.pulseelectronics.com
87
PC2005 (2/11)


Similar Part No. - P8202

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P8202 PULSE-P8202 Datasheet
82Kb / 1P
SMT CURRENT SENSE TRANSFORMERS
P8202NL PULSE-P8202NL Datasheet
80Kb / 1P
SMT CURRENT SENSE TRANSFORMERS
P8202NL PULSE-P8202NL Datasheet
251Kb / 1P
smt Current Sense Transformers P820X Series
P8202NL PULSE-P8202NL Datasheet
251Kb / 1P
SMT CURRENT SENSE TRANSFORMERS
P8202NL PULSE-P8202NL Datasheet
251Kb / 1P
smt Current Sense Transformers
More results

Similar Description - P8202

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P822X PULSE-P822X Datasheet
63Kb / 1P
SMT CURRENT SENSE TRANSFORMERS
P8202NL PULSE-P8202NL Datasheet
80Kb / 1P
SMT CURRENT SENSE TRANSFORMERS
P8208T PULSE-P8208T Datasheet
82Kb / 1P
SMT CURRENT SENSE TRANSFORMERS
PB0027 PULSE-PB0027 Datasheet
112Kb / 1P
SMT CURRENT SENSE TRANSFORMERS
logo
EPCOS
B82801A824A100 EPCOS-B82801A824A100 Datasheet
508Kb / 9P
SMT current sense transformers
logo
Pulse A Technitrol Comp...
PE-68280NLT PULSE-PE-68280NLT Datasheet
156Kb / 2P
SMT CURRENT SENSE TRANSFORMERS
PA0368.100NL PULSE-PA0368.100NL Datasheet
146Kb / 1P
SMT CURRENT SENSE TRANSFORMERS
logo
TDK Electronics
B82801C TDK-B82801C Datasheet
511Kb / 2P
SMT Current Sense Transformers
logo
Pulse A Technitrol Comp...
PA1005.XXXNL PULSE-PA1005.XXXNL Datasheet
300Kb / 2P
SMT Current Sense Transformers
PE-68XXX PULSE-PE-68XXX Datasheet
119Kb / 1P
SMT CURRENT SENSE TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com