Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000F Datasheet(PDF) 1 Page - Micro Commercial Components

Part # R2000F
Description  500 Milliamp High Voltage Fast Recovery Silicon Rectifier 1200 to 2000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

R2000F Datasheet(HTML) 1 Page - Micro Commercial Components

  R2000F Datasheet HTML 1Page - Micro Commercial Components R2000F Datasheet HTML 2Page - Micro Commercial Components R2000F Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R1200F
THRU
R2000F
500 Milliamp High
Voltage Fast Recovery
Silicon Rectifier
1200 to 2000 Volts
Features
•
High Current Capability
•
Fast Switching For Higher Efficiency
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
R1200F
R1200F
1200V
840V
1200V
R1500F
R1500F
1500V
1050V
1500V
R1800F
R1800F
1800V
1260V
1800V
R2000F
R2000F
2000V
1400V
2000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
500mA
TA = 50
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
R1200F-R1800F
R2000F
VF
2.4V
4.0V
IFM = 0.5A;
TA = 50
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
50
µA
TA = 25
°C
TA = 100
°C
Typical Junction
Capacitance
CJ
30pF
Measured at
1.0MHz, VR=4.0V
Maximum Reverse
Recovery Time
Trr
500nS
DO-41
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
TM
Micro Commercial Components
www.mccsemi.com
1
of 3
•
Lead Free Finish/RoHS Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - R2000F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R2000F RECTRON-R2000F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
logo
Jinan Gude Electronic D...
R2000F JGD-R2000F Datasheet
128Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Bytes
R2000F BYTES-R2000F Datasheet
154Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Dc Components
R2000F DCCOM-R2000F Datasheet
410Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
R2000F DIODES-R2000F Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21102 Rev. G-2
More results

Similar Description - R2000F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
R1200 MCC-R1200 Datasheet
72Kb / 2P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
R1200F MCC-R1200F Datasheet
72Kb / 2P
500 Milliamp High Voltage Fast Recovery Silicon Rectifier 1200 to 2000 Volts
RM1200E MCC-RM1200E Datasheet
71Kb / 3P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
logo
Shanghai Lunsure Electr...
R1200F CHENYI-R1200F Datasheet
39Kb / 2P
500Milliamp High voltage fast recovery silicon rectifier 1200 to 2000 volts
logo
Micro Commercial Compon...
RM1200E MCC-RM1200E_11 Datasheet
244Kb / 3P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
R1200 MCC-R1200_11 Datasheet
366Kb / 3P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
R1200F MCC-R1200F_11 Datasheet
219Kb / 3P
500 Milliamp High Voltage Fast Recovery Silicon Rectifier 1200 to 2000 Volts
RM2000E-TP MCC-RM2000E-TP Datasheet
244Kb / 3P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
RM1200E MCC-RM1200E_15 Datasheet
265Kb / 3P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
R1200 MCC-R1200_13 Datasheet
251Kb / 3P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com