Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1122 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # T1122
Description  T1/CEPT/ISDN-PRI TRANSFORMERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T1122 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  T1122 Datasheet HTML 1Page - Pulse A Technitrol Company T1122 Datasheet HTML 2Page - Pulse A Technitrol Company T1122 Datasheet HTML 3Page - Pulse A Technitrol Company T1122 Datasheet HTML 4Page - Pulse A Technitrol Company T1122 Datasheet HTML 5Page - Pulse A Technitrol Company T1122 Datasheet HTML 6Page - Pulse A Technitrol Company T1122 Datasheet HTML 7Page - Pulse A Technitrol Company T1122 Datasheet HTML 8Page - Pulse A Technitrol Company T1122 Datasheet HTML 9Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
T1/CEPT/ISDN-PRI TRANSFORMERS
Dual Surface Mount, 1500 Vrms, Small Package
Mechanical
Schematics
16
14
15
11
9
10
4
1 2 3 4
5 6 7 8
3
16
14
13
2
11
9
68
7
10
16
14
13
2
15
11
9
68
7
10
1
9
8
16
14
13
2
15
11
6
10
2
7
24
3
6
9
16
13
1514
12
9
1110
8
16
14
13
2
11
9
68
15
7
16
14
13
2
11
9
68
10
6
16
14
13
11
9
5
8
15
6 7
16
14
15
11
9
10
5
3
1
8
6
.505 MAX
12,83
.350
8,89
.050
1,27
.280 MAX
7,11
PE-6XXXX
T1XXX/TX1XXX
(Date Code)
(Country of Origin)
.375
9,53
MAX
.004/0,10
16 SURFACES
16X .018 ± .002
0,46 ± 0,05
.245
6,22
MAX
0°– 8°
.010
0,25
.050
1,27
.350
8,89
.328
8,33
SUGGESTED PAD LAYOUT
16X .029 ± .001
0,74 ± 0,03
.075
1,91
2
(See Pages 6 and 7 for Table Notes)
Dual SMT package contains both transmit and receive transformers
Models matched to leading transceiver ICs
UL 1459 and UL 1950 recognized (some parts pending approval)
EN 60950 safety agency approval per BABT
Lead-Free versions available upon request
BH
Electrical Specifications @ 25°C
NOTE: Standard (STD) operating temperature range is 0°C to 70°C. Extended (EXT) operating temperature range is -40°C to +85°C. Models are available with unused leads removed.
Part #
Part #
Turns Ratio B
OCL
CW/W
LL
DCR Pri
Package/
Primary
(STD temp.)
(EXT temp.)
(Pri:Sec ±5%)
(mH MIN)
(pF MAX)
(µH MAX)
(
Ω MAX)
Schematic
Pins
PE-65861
T1090
1CT:2CT & 1CT:2CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/1
16-14, 6-8
PE-65862
T1091
1CT:2CT & 1:1.36CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/2
16-14, 6-8
PE-65865
T1076
1:1.15CT & 1CT:2CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/3
16-14, 6-8
PE-65866 E
T1092 E
1:1/1.26 & 1CT:2CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/3
16-14, 6-8
PE-65870
T1093
1CT:1.15CT & 1CT:1.15CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/1
1-3, 6-8
T1022
T1077
1CT:1CT & 1CT:1.5CT
1.20 & 1.20
30 & 30
.80 & .80
0.70 & 0.70
BH/1
16-14, 6-8
PE-68678
T1094
1CT:1CT & 1CT:2CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/1
16-14, 6-8
PE-68786
T1095
1CT:1.41CT & 1CT:1.41CT
1.00 & 1.00
30 & 30
.60 & .60
0.70 & 0.70
BH/1
16-14, 11-9
T1023
T1096
1CT:1.41CT & 1CT:1.41CT
1.00 & 1.00
30 & 30
.60 & .60
0.70 & 0.70
BH/1
1-3, 11-9
T1144
1CT:1CT & 1CT:2.4CT
1.00 & 1.00
30 & 30
.80 & .80
0.85 & 0.85
BH/1
9-11, 1-3
T1097
1CT:1CT & 1CT:1.67CT
1.00 & 1.00
25 & 25
.80 & .80
0.80 & 0.80
BH/1
6-8, 14-16
T1136
1CT:1CT & 1CT:1.36CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/1
6-8, 1-3
T1121
1CT:1.5CT & 1CT:1.5CT
1.50 & 1.50
40 & 40
.80 & .80
0.70 & 0.70
BH/1
1-3, 6-8
T1122
1CT:2CT & 1CT:2.3CT
1.20 & 1.20
30 & 30
.80 & .80
0.90 & 0.90
BH/1
6-8, 14-16
T1021J
2CT:1/1.26 & 2CT:1/1.26
1.50 & 1.50
40 & 40
.50 & .50
0.70 & 0.70
BH/1
1-3, 11-9
T1075 J
2CS:1.57/2 & 2CS:1.57/2
1.50 & 1.50
40 & 40
.50 & .50
0.70 & 0.70
BH/4
1-2, 5-6
T1190
1CT:1CT & 1CT:1.36CT
1.20 & 1.20
30 & 30
.60 & 60
0.70 & 0.70
BH/1
16-14, 6-8
T1137
TX1287
1CT:2.42CT & 1CT:2.42CT
1.20 & 1.20
25 & 25
.60 & .60
0.70 & 0.70
BH/1
1-3, 6-8
T1146
1:2/2.4 & 1:0.79/1
1.00 & 1.00
35 & 35
1.00 & 1.00
0.80 & 0.80
BH/5
1-3, 6-8
T1286
1CT:2.4CT & 1CT:2.4CT
1.20 & 1.20
15 & 15
.30 & .30
0.30 & 0.30
BH/1
1-3, 6-8
TX1317
1:2CT & 1:2CS
1.20 & 1.20
35 & 35
.50 & 1.00
1.00 & 1.00
BH/6
1-3, 11-9
TX1189
1:1.36CT & 1:2CT
1.20 & 1.20
30 & 30
.60 & .60
1.00 & 1.00
BH/7
16-14, 6-8
TX1188
1CT:2CT & 1CT:2CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/1
1-3, 6-8
TX1187
1CT:2CT & 1:1
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/8
1-3, 6-8
TX1088
1CT:2CT & 1CT:2.42CT
1.20 & 1.20
35 & 35
.80 & .80
1.00 & 1.00
BH/1
1-3, 6-8
TX1089
1CT:1CT & 1CT:1CT
1.20 & 1.20
30 & 30
.80 & .80
0.70 & 0.70
BH/1
1-3, 6-8
TX1098
1CT:1:26CT & 1CT:1:26CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/1
1-3, 6-8
TX1099
1CT:1:0.8 & 1CT:1:0.8
1.20 & 1.20
30 & 30
.80 & .80
1.00 & 1.00
BH/4
16-14, 11-9
TX1186
1CT:1.58:2 & 1:1.65:2
1.20 & 1.20
30 & 30
.80 & .80
1.00 & 1.00
BH/9
2-4, 6-7
TX1467
1CT:1:1 & 1CT:1:1
1.20 & 1.20
30 & 30
.80 & .80
1.00 & 1.00
BH/4
16-14, 11-9
T608.R (11/04)
Weight . . . . . . . . .1.0 grams
Tape & Reel . . . . . . .600/reel
Tube . . . . . . . . . . . . .40/tube
Unless otherwise specified, all tolerances are ± .010
0,25
Dimensions: Inches
mm
US 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Taiwan 886 2 2698 0228 •• Hong Kong 852 2788 6588 •• http://www.pulseeng.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com