Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC277 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HSC277
Description  Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HSC277 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HSC277 Datasheet HTML 1Page - Hitachi Semiconductor HSC277 Datasheet HTML 2Page - Hitachi Semiconductor HSC277 Datasheet HTML 3Page - Hitachi Semiconductor HSC277 Datasheet HTML 4Page - Hitachi Semiconductor HSC277 Datasheet HTML 5Page - Hitachi Semiconductor HSC277 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HSC277
2
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse voltage
V
R
35
—
—
V
I
R = 10µA
Reverse current
I
R
——50
µAV
R = 25V
Forward voltage
V
F
—
—
1.0
V
I
F = 10mA
Capacitance
C
—
—
1.2
pF
V
R = 6V, f = 1MHz
Forward resistance
r
f
—
—
0.7
Ω
I
F = 2mA, f = 100MHz
0
0.2
0.4
0.6
0.8
1.0
10
–4
Forward voltage V
(V)
F
10
–6
10
–5
10
–8
10
10–7
–9
10
–3
10
–2
Fig.1 Forward current Vs. Forward voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com