Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30B Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # 30B
Description  Surface mount Silicon Planar Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

30B Datasheet(HTML) 1 Page - Diotec Semiconductor

  30B Datasheet HTML 1Page - Diotec Semiconductor 30B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MM3Z2B4 ... MM3Z47B (200 mW - 2%)
MM3Z2B4 ... MM3Z47B (200 mW - 2%)
Surface mount Silicon Planar Zener Diodes
Silizium-Planar-Zener-Dioden für die Oberflächenmontage
Version 2012-08-22
Dimensions - Maße [mm]
Maximum power dissipation
Maximale Verlustleistung
200 mW
Nominal Z-voltage – Nominale Z-Spannung
2.4...47 V
Plastic case
Kunststoffgehäuse
~ SOD-323
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Standard Zener voltage tolerance is graded to the international E 24 (~5%) standard.
Other voltage tolerances and higher Zener voltages on request.
Die Toleranz der Zener-Spannung ist in der Standard-Ausführung gestuft nach der internationalen
Reihe E 24 (~5%). Andere Toleranzen oder höhere Arbeitsspannungen auf Anfrage.
Maximum ratings and Characteristics
Grenz- und Kennwerte
MM3Z-series
Power dissipation
Verlustleistung
TA = 25°C
Ptot
200 mW 1)
Junction temperature − Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 620 K/W 1)
Zener voltages see table on next page – Zener-Spannungen siehe Tabelle auf der nächsten Seite
1
Mounted on P.C. board with 3 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
2.5±0.2
Type
Code
1.7±0.1
0
2
3
4
5
6
7
8
10
[V]
V
Z
[mA]
5
15
0
10
I
Z
Zener Voltage vs. Zener current Abbruchspannung über Zenerstrom
–
2,7
3,0
3,3
3,6
3,9
4,3
4,7
5,1
5,6
6,2
6,8
7,5
8,2
9,1
10
I = 5 mA
Z
2,4


Similar Part No. - 30B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
30B1 SIEMENS-30B1 Datasheet
143Kb / 3P
CATHODE RAY TUBE-ALL ELECTROSTATIC3쩍" DIA.
logo
Grayhill, Inc
30B1012 GRAYHILL-30B1012 Datasheet
44Kb / 1P
ACCESSORIES For Pushbutton Switches
30B1012-5 GRAYHILL-30B1012-5 Datasheet
464Kb / 3P
SEALED TERMINAL AND WIRE LEAD OPTIONS OPTION -E AND -EW
30B1012-5 GRAYHILL-30B1012-5 Datasheet
164Kb / 4P
Butt Contact Pushbutton Switches
30B1012-5 GRAYHILL-30B1012-5 Datasheet
44Kb / 1P
ACCESSORIES For Pushbutton Switches
More results

Similar Description - 30B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZMM1-2P DIOTEC-ZMM1-2P Datasheet
134Kb / 3P
Surface mount Silicon Planar Zener Diodes
BZX84C2V7 DIOTEC-BZX84C2V7 Datasheet
97Kb / 2P
Surface Mount Silicon Planar Zener Diodes
MM3Z2V4 DIOTEC-MM3Z2V4_07 Datasheet
96Kb / 2P
Surface mount Silicon Planar Zener Diodes
MMSZ5225B DIOTEC-MMSZ5225B_07 Datasheet
98Kb / 2P
Surface mount Silicon Planar Zener Diodes
BZT52C2V4 DIOTEC-BZT52C2V4_10 Datasheet
96Kb / 2P
Surface mount Silicon Planar Zener Diodes
ZMM1 DIOTEC-ZMM1_13 Datasheet
348Kb / 3P
Surface mount Silicon Planar Zener Diodes
MM3Z2B4 DIOTEC-MM3Z2B4_15 Datasheet
103Kb / 2P
Surface mount Silicon Planar Zener Diodes
BZT52C2V4 DIOTEC-BZT52C2V4_15 Datasheet
87Kb / 2P
Surface mount Silicon Planar Zener Diodes
ZMM3B9 DIOTEC-ZMM3B9_15 Datasheet
94Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MMBZ5237DW YFWDIODE-MMBZ5237DW Datasheet
396Kb / 3P
Surface Mount Silicon Planar Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com