Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39B Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # 39B
Description  Surface mount Silicon Planar Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

39B Datasheet(HTML) 2 Page - Diotec Semiconductor

  39B Datasheet HTML 1Page - Diotec Semiconductor 39B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MM3Z2B4 ... MM3Z47B (200 mW - 2%)
Maximum ratings
Grenzwerte
Type
Typ
Code
Zener voltage 1)
Zener-Spanng. 1)
IZ = 5 mA
Dynamic resistance
Inhär. diff. Widerstand
rzj [Ω] at f = 1 kHz
Temp. Coeffiz.
of Z-voltage
…der Z-spanng.
Reverse voltage
Sperrspannung
VR at/bei IR
Z-current 2)
Z-Strom 2)
TA = 25°C
MM3Z...
Vzmin [V]
Vzmax [V]
IZ = 5 mA
αVZ [10-4/°C]
VR [V]
IR [µA]
IZmax [mA]
2B4
DN
2,35
2,45
100
-8...-5
1
120
85
2B7
DP
2,64
2,75
110
-8...-5
1
120
76
3B0
DR
2,94
3,06
120
-8...-5
1
50
68
3B3
DX
3,23
3,37
130
-8...-5
1
20
62
3B6
DY
3,52
3,67
130
-8...-5
1
10
57
3B9
DZ
3,82
3,97
130
-8...-5
1
05
52
4B3
Z0
4,21
4.386
130
-7...-4
1
05
48
4B7
EB
4,60
4.794
130
-5...-2
1
02
43
5B1
EC
4,99
5.202
130
-2...+2
1.5
02
40
5B6
ED
5,48
5.712
80
-1...+4
2.5
01
36
6B2
EE
6,07
6.324
50
+2...+5
3
01
33
6B8
EF
6,66
6.936
30
+3...+6
3.5
0.5
30
7B5
EH
7,35
7.65
30
+3...+6
4
0.5
27
8B2
EJ
8,04
8.364
30
+4...+7
5
0.5
25
9B1
EK
8,92
9.282
30
+4...+7
6
0.5
22
10B
EM
9,80
10.2
30
+5...+8
7
0.1
20
11B
EN
10,78
11.22
30
+5...+8
8
0.1
19
12B
EP
11,76
12.24
35
+5...+8
9
0.1
17
13B
ER
12,74
13.26
35
+6...+9
10
0.1
16
15B
EX
14,70
15.3
40
+6...+9
11
0.1
14
16B
EY
15,68
16.32
40
+6...+9
12
0.1
13
18B
EZ
17,64
18.36
45
+6...+9
13
0.1
11
20B
FA
19,60
20.4
50
+6...+9
15
0.1
10
22B
FB
21,56
22.44
55
+7...+10
17
0.1
9
24B
FC
23,52
24.48
60
+7...+10
19
0.1
9
27B
FD
26,46
27.54
70
+7...+10
21
0.1
8
30B
FE
29,40
30.6
80
+7...+10
23
0.1
7
33B
FF
32,34
33.66
80
+7...+10
25
0.1
6
36B
FH
35,28
36.72
90
+7...+10
27
0.1
6
IZ
2.5mA
2mA
39B
FJ
38,22
39.78
100
+7...+10
30
2
5
43B
XJ
42,14
43.86
130
+7...+10
33
2
5
47B
XK
46,06
47.94
150
+7...+10
36
2
4
1
Tested with pulses tp = 5 ms – Gemessen mit Impulsen tp = 5 ms
2
Mounted on P.C. board with 3 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com