Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1D Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # S1D
Description  Surface Mount Silicon Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

S1D Datasheet(HTML) 2 Page - Diotec Semiconductor

  S1D Datasheet HTML 1Page - Diotec Semiconductor S1D Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S1A ... S1Y
2
http://www.diotec.com/
© Diotec Semiconductor AG
Rated forward current vs. temp. of the terminals
in Abh. v. d. Temp. der Terminals
Zul. Richtstrom
120
100
80
60
40
20
0
I
FAV
[%]
[°C]
T
T
150
100
50
0
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
30a-(1a-1.1v)
10
10
1
10
2
1
-2
10-1
[µA]
I
R
0
V
RRM
40
60
80
100 [%]
Typ. instantaneous leakage current vs. rev. voltage
Typ. Sperrstrom (Augenblickswert) ü. Sperrspannung
T = 25°C
j
T = 100°C
j
T = 125°C
j
Relative transient thermal impedance vs. pulse duration (typical)
Relativer transienter Wärmewiderstand über Impulsdauer (typisch)
100
10
1 0.01
0.1
1
10
10
10
2
3
[s]
[t ]
p
[%]
Z
R
thA
thA
25
20
15
10
5
0
[pF]
C
j
V
R
[V]
Junction capacitance vs. reverse voltage (typical)
Sperrschichtkapazität in Abh. v.d. Sperrspg. (typ.)
Peak forward surge current versus number of cycles at 50 Hz
Durchlaß-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
10
10
1
2
[A]
î
F
1
10
10
[n]
10
2
3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com