Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # S80
Description  Slim Profile Surface Mount Si-Bridge-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

S80 Datasheet(HTML) 2 Page - Diotec Semiconductor

  S80 Datasheet HTML 1Page - Diotec Semiconductor S80 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S40 ... S500
Characteristics
Kennwerte
Max. average forward rectified current
Dauergrenzstrom
TA = 50°C
IFAV
0.8 A 1)
Forward voltage – Durchlass-Spannung
Tj = 25°C
IF = 0.4 A
IF = 0.8 A
VF
VF
< 0.95 V 2)
< 1.10 V 2)
Leakage current – Sperrstrom
Tj = 25°C
VR = VRRM
IR
< 5 µA
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 60 K/W 1)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht – Anschluss
RthT
< 20 K/W
Type
Typ
Recomm. protective resistance
Empf. Schutzwiderstand
Rt [Ω] 1)
Admiss. load capacitor at Rt
Zul. Ladekondensator mit Rt
CL [µF] 2)
S40
2.00
2500
0.005
S80
4.00
1250
0.005
S125
6.25
800
0.005
S250
15.00
333
0.005
S380
20.00
250
0.005
S500
25.00
200
0.005
1
Mounted on P.C. Board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
Valid per diode – Gültig pro Diode
1
Rt = VRRM / IFSM
Rt is the equivalent resistance of any protective element which ensures that IFSM is not exceeded
Rt ist der Ersatzwiderstand eines jeglichen Schutzelementes, welches ein Überschreiten von IFSM verhindert
2
CL = 5 ms / Rt
If the Rt CL time constant is less than a quarter of the 50Hz mains period, CL can be charged completely in a
single half wave of the mains. Hence, IFSM occurs as a single pulse only!
Falls die Rt CL Zeitkonstante kleiner ist als ¼ der 50Hz-Netzperiode, kann CL innerhalb einer einzigen
Netzhalbwelle komplett geladen werden. IFSM tritt dann nur als Einzelpuls auf!
2
http://www.diotec.com/
© Diotec Semiconductor AG
R
t
3)
C
L
4)
~
~
+
_
Rated forward current versus ambient temperature
Zul. Richtstrom in Abh. von der Umgebungstemp.
I
FAV
[%]
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
30a-(1a-1.2v)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com