Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPY10 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # ZPY10
Description  Silicon-Power-Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZPY10 Datasheet(HTML) 2 Page - Diotec Semiconductor

  ZPY10 Datasheet HTML 1Page - Diotec Semiconductor ZPY10 Datasheet HTML 2Page - Diotec Semiconductor ZPY10 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZPY1 ... ZPY200 (1.3 W)
Maximum ratings and Characteristics
(Tj = 25°C unless otherwise specified)
Grenz- und Kennwerte
(Tj = 25°C wenn nicht anders spezifiziert)
Type
Typ
Zener voltage 2)
Zener-Spannung 2)
IZ = IZtest
Test current
Meßstrom
Dynamic resistance
Diff. Widerstand
IZtest / f = 1 kHz
Temp. Coeffic.
of Z-voltage
…der Z-Spannung
Reverse volt.
Sperrspanng.
IR = 1 μA
Z-current 1)
Z-Strom 1)
TA = 50°C
Vzmin [V]
Vzmax [V]
IZtest [mA]
rzj [Ω]
αVZ [10-4 /°C]
VR [V]
IZmax [mA]
ZPY13)
0.71
0.82
100
0.5 (<1)
–26…–16
–
1000
ZPY5.6
5.2
6.0
100
1 (<3)
–3…+5
> 0.5 / 3 µA
217
ZPY6.2
5.8
6.6
100
1 (<2)
–1…+6
> 1.5
197
ZPY6.8
6.4
7.2
100
1 (<2)
0…+7
> 2
181
ZPY7.5
7.0
7.9
100
1 (<2)
0…+7
> 2
165
ZPY8.2
7.7
8.7
100
1 (<2)
+3…+8
> 3.5
149
ZPY9.1
8.5
9.6
50
2 (<4)
+3…+8
> 3.5
135
ZPY10
9.4
10.6
50
2 (<4)
+5…+9
> 5
123
ZPY11
10.4
11.6
50
4 (<7)
+5…+10
> 5
112
ZPY12
11.4
12.7
50
4 (<7)
+5…+10
> 7
102
ZPY13
12.4
14.1
50
5 (<10)
+5…+10
> 7
92
ZPY15
13.8
15.6
50
5 (<10)
+5…+10
> 10
83
ZPY16
15.3
17.1
25
6 (<15)
+6…+11
> 10
76
ZPY18
16.8
19.1
25
6 (<15)
+6…+11
> 10
68
ZPY20
18.8
21.2
25
6 (<15)
+6…+11
> 10
61
ZPY22
20.8
23.3
25
6 (<15)
+6…+11
> 12
56
ZPY24
22.8
25.6
25
7 (<15)
+6…+11
> 12
51
ZPY27
25.1
28.9
25
7 (<15)
+6…+11
> 14
45
ZPY30
28
32
25
8 (<15)
+6…+11
> 14
41
ZPY33
31
35
25
8 (<15)
+6…+11
> 17
37
ZPY36
34
38
10
16 (<40)
+6…+11
> 17
34
ZPY39
37
41
10
20 (<40)
+6…+11
> 20
32
ZPY43
40
46
10
24 (<45)
+7…+12
> 20
28
ZPY47
44
50
10
24 (<45)
+7…+12
> 24
26
ZPY51
48
54
10
25 (<60)
+7…+12
> 24
24
ZPY56
52
60
10
25 (<60)
+7…+12
> 28
22
ZPY62
58
66
10
25 (<80)
+8…+13
> 28
20
ZPY68
64
72
10
25 (<80)
+8…+13
> 34
18
ZPY75
70
79
10
30 (<100)
+8…+13
> 34
16
ZPY82
77
88
10
30 (<100)
+8…+13
> 41
15
ZPY91
85
96
5
40 (<200)
+9…+13
> 41
14
ZPY100
94
106
5
60 (<200)
+9…+13
> 50
12
ZPY110
104
116
5
80 (<250)
+9…+13
> 50
11
ZPY120
114
127
5
80 (<250)
+9…+13
> 60
10
ZPY130
124
141
5
90 (<300)
+9…+13
> 60
9
ZPY150
138
156
5
100 (<300)
+9…+13
> 75
8
ZPY160
153
171
5
110 (<350)
+9…+13
> 75
8
ZPY180
168
191
5
120 (<350)
+9…+13
> 90
7
ZPY200
188
212
5
150 (<350)
+9…+13
> 90
6
1
Notes see previous page – Fußnoten siehe vorhergehende Seite
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com