Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS116A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS116A
Description  U.S. Electrical On-Line Catalog
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS116A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS116A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
T&B Catalog Number:
FS116A
UPC Number:
78621079111
Description:
FEMALE INSERT,SCREW
Status:
Active
Packaging
Package in Units:
10
T&B Sold in UM:
EACH
T&B Weight per UOM:
15.5 lbs. per 100
General Information
Country of Origin:
GERMANY
Harmonized Code:
8536694030
Certifications
UL File Number(s):
15163
CSA File Number(s):
70013
Application Support
MSDS:
MSDS-0008-TB2
For further technical assistance, please contact us...
Thomas & Betts - USA
8155 T&B Blvd.
Memphis, TN 38125
www.tnb.com
T&B Technical Support
MS 3B-50
8155 T&B Blvd.
Memphis, TN 38125
Hours: 7AM - 6PM CDT
Monday-Friday
Phone: (888) 862-3289
Fax: (901) 252-1321
Email:techsupport@tnb.com


Similar Part No. - FS116A

ManufacturerPart #DatasheetDescription
logo
Vaisala
FS11 VAISALA-FS11 Datasheet
1Mb / 2P
Visibility Sensor FS11
logo
First Silicon Co., Ltd
FS110 FS-FS110 Datasheet
280Kb / 2P
Schottky Rectifier
logo
Feeling Technology Corp...
FS1102 FEELING-FS1102 Datasheet
100Kb / 7P
Single Hall Effect Latch
FS1102G1 FEELING-FS1102G1 Datasheet
100Kb / 7P
Single Hall Effect Latch
logo
Fortune Semiconductor C...
FS1117 FORTUNE-FS1117 Datasheet
764Kb / 9P
1.0A Adjustable & Fixed Voltage LDO Linear Regulato
More results

Similar Description - FS116A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1803 AD-AD1803 Datasheet
39Kb / 2P
U.S./International Modem DAA Line Codec Chipset
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
Interactive Catalog Replaces Catalog Pages
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
Interactive Catalog Supplements Catalog PDFs
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
Interactive Catalog Replaces Catalog Pages
XCX15DNH HONEYWELL-XCX15DNH Datasheet
61Kb / 1P
U.S. Authorized Distibutors
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
Interactive Catalog Replaces Catalog Pages
logo
List of Unclassifed Man...
GP1129 ETC2-GP1129 Datasheet
83Kb / 1P
U.S. ELECTRICAL DIVISION MANCHESTER, NH 03108
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com