Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMTA13 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FMMTA13
Description  SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FMMTA13 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FMMTA13 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 NPN SILICON PLANAR
DARLINGTON TRANSISTORS
ISSUE 4 - DECEMBER 1996
COMPLEMENTARY TYPES - FMMTA12 – NONE
FMMTA13 – FMMTA63
FMMTA14 – FMMTA64
PARTMARKING DETAILS –
FMMTA12 – 3W
FMMTA13 – 1M
FMMTA14 – 1N
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
FMMTA12
FMMTA13/14
UNIT
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
40
V
Collector-Emitter Voltage
VCES
20
40
V
Emitter-Base Voltage
VEBO
10
V
Continuous Collector Current
IC
300
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
MAX.
UNIT
CONDITIONS.
Collector-Emitter
FMMTA12
Breakdown Voltage FMMTA13/14
V(BR)CES
20
40
V
V
IC=100µA, IB=0*
IC=100µA, IB=0*
Collector Cut-Off
FMMTA12
Current
ICES
100
nA
VCB=15V, VBE=0
Collector Cut-Off
FMMTA12
Current
FMMTA13/14
ICBO
100
100
nA
nA
VCB=15V, IE=0
VCB=30V, IE=0
Emitter Cut-Off Current
IEBO
100
nA
VEB=10V, IC=0
Static Forward
FMMTA12
Current Transfer
FMMTA13
Ratio
FMMTA13
FMMTA14
FMMTA14
hFE
20K
5K
10K
10K
20K
IC=10mA, VCE=5V*
IC=10mA, VCE=5V*
IC=100mA, VCE=5V*
IC=10mA, VCE=5V*
IC=100mA, VCE=5V*
Collector-Emitter
FMMTA12
Saturation Voltage FMMTA13/14
VCE(sat)
1.0
0.9
V
V
IC=10mA, IB=0.01mA
IC=100mA, IB=0.1mA
Base-Emitter
FMMTA12
On Voltage
FMMTA13/14
VBE(on)
1.4
2.0
V
V
IC=10mA, VCE=5V*
IC=100mA,VCE=5V*
*Measured under pulsed conditions. Pulse width =300µs. Duty cycle ≤ 2%
Spice parameter data is available upon request for these devices
For typical graphs see FMMT38A datasheet
FMMTA12
FMMTA13
FMMTA14
C
B
E
FMMTA12 Not Recommended for New
Design Please Use FMMTA14


Similar Part No. - FMMTA13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTA13 ZETEX-FMMTA13 Datasheet
46Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
List of Unclassifed Man...
FMMTA13 ETC2-FMMTA13 Datasheet
48Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
FMMTA13TA ETC2-FMMTA13TA Datasheet
48Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
More results

Similar Description - FMMTA13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCV27 ZETEX-BCV27 Datasheet
49Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Siemens Semiconductor G...
BD875 SIEMENS-BD875 Datasheet
211Kb / 8P
NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
ATMEL Corporation
FMMTA63 ATMEL-FMMTA63 Datasheet
51Kb / 1P
SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTORS
logo
Diodes Incorporated
FMMT38A DIODES-FMMT38A Datasheet
78Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
AUGUST 1996
FMMTA12 DIODES-FMMTA12 Datasheet
48Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
DECEMBER 1996
BCV27 DIODES-BCV27 Datasheet
54Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
SEPTEMBER 1995
logo
Fairchild Semiconductor
FMMT38CTA FAIRCHILD-FMMT38CTA Datasheet
78Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
List of Unclassifed Man...
FMMTA13TA ETC2-FMMTA13TA Datasheet
48Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Zetex Semiconductors
BCV47 ZETEX-BCV47 Datasheet
253Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Diodes Incorporated
BCV26 DIODES-BCV26 Datasheet
51Kb / 1P
SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTORS
SEPTEMBER 1995
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com