Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC306 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HVC306
Description  Variable Capacitance Diode for VHF tuner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HVC306 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HVC306 Datasheet HTML 1Page - Hitachi Semiconductor HVC306 Datasheet HTML 2Page - Hitachi Semiconductor HVC306 Datasheet HTML 3Page - Hitachi Semiconductor HVC306 Datasheet HTML 4Page - Hitachi Semiconductor HVC306 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVC306A
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
V
R
32
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
-55 to +125
°C
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
I
R1
—
—
10
nA
V
R = 30V
I
R2
—
—
100
V
R = 30V, Ta = 60 °C
Capacitance
C
2
29.3
—
34.2
pF
V
R = 2V, f = 1 MHz
C
25
2.57
—
2.92
V
R = 25V, f = 1 MHz
Capacitance ratio
n
11.0
—
—
—
C
2/ C25
Series resistance
r
s
—
—
0.75
Ω
V
R = 5V, f = 470 MHz
Matching error
∆C/C*1
—
—
2.0
%
V
R = 2 to 25V, f = 1 MHz
Note
1.
C.C system (Continuous Connected taping system) enable to make any 10 pcs of
∆C/C
continuous in a reel , expect extention to another group.
Calculate Matching Error,
(Cmax-Cmin)
∆C/C=
x 100 (%)
Cmin



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com