Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC4H065 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPSC4H065
Description  650 V power Schottky silicon carbide diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC4H065 Datasheet(HTML) 3 Page - STMicroelectronics

  STPSC4H065 Datasheet HTML 1Page - STMicroelectronics STPSC4H065 Datasheet HTML 2Page - STMicroelectronics STPSC4H065 Datasheet HTML 3Page - STMicroelectronics STPSC4H065 Datasheet HTML 4Page - STMicroelectronics STPSC4H065 Datasheet HTML 5Page - STMicroelectronics STPSC4H065 Datasheet HTML 6Page - STMicroelectronics STPSC4H065 Datasheet HTML 7Page - STMicroelectronics STPSC4H065 Datasheet HTML 8Page - STMicroelectronics STPSC4H065 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID023598 Rev 3
3/10
STPSC4H065
Characteristics
10
Figure 1. Forward voltage drop versus forward
current (typical values, low level)
Figure 2. Forward voltage drop versus forward
current (typical values, high level)
A)
IFM(
0
1
2
3
4
5
6
7
8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Ta=150 °C
Ta=175 °C
Ta=25 °C
Pulse test : tp=500µs
Ta=100 °C
VFM(V)
0
4
8
12
16
20
24
28
32
36
40
01
23
456
78
Ta=150 °C
Ta=175 °C
Ta=25 °C
Pulse test : tp=500µs
Ta=100 °C
IFM(A)
VFM(V)
Figure 3. Reverse leakage current versus
reverse voltage applied
(typical values)
Figure 4. Peak forward current versus case
temperature
I
R(µA)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
50
100 150 200 250 300 350 400 450 500 550 600 650
T
j=25 °C
T
j=150 °C
T
j=175 °C
VR(V)
I M (A)
0
10
20
30
40
50
0
25
50
75
100
125
150
175
δ = 0.1
δ = 0.3
δ = 0.5
δ = 1
δ = 0.7
T
δ=tp/T
tp
TC(°C)
Figure 5. Junction capacitance versus reverse
voltage applied (typical values)
Figure 6. Relative variation of thermal
impedance junction to case versus pulse
duration
0
50
100
150
200
250
0.1
1.0
10.0
100.0
1000.0
F=1 MHz
V
OSC=30 mVRMS
T
j=25 °C
VR(V)
Cj (pF)
Z
th(j-c)/Rth(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
tp(s)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com