Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC321B Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HVC321B
Description  Variable Capacitance Diode for ET tuner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HVC321B Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HVC321B Datasheet HTML 1Page - Hitachi Semiconductor HVC321B Datasheet HTML 2Page - Hitachi Semiconductor HVC321B Datasheet HTML 3Page - Hitachi Semiconductor HVC321B Datasheet HTML 4Page - Hitachi Semiconductor HVC321B Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HVC321B
Variable Capacitance Diode for ET tuner
ADE-208-845(Z)
Rev 0
Mar. 2000
Features
• Low voltage type (tuning voltage 1 to 10V), it is suitable for ET without DC/DC converter.
• High capacitance ratio. (n = 10.5 min)
• Low series resistance. (rs = 1.0 Ω max) and good C-V linearity.
• Ultra small Flat Package (UFP) is suitable for surface mount design.
Ordering Information
Type No.
Laser Mark
Package Code
HVC321B
V8
UFP
Outline
Cathode mark
Mark
12
1. Cathode
2. Anode
V8


Similar Part No. - HVC321B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVC326C RENESAS-HVC326C Datasheet
39Kb / 5P
Variable Capacitance Diode for UHF/VHF tuner
HVC327C RENESAS-HVC327C Datasheet
57Kb / 5P
Variable Capacitance Diode for VHF tuner
HVC327C RENESAS-HVC327C Datasheet
52Kb / 5P
Variable Capacitance Diode for VHF tuner
HVC327CKRU RENESAS-HVC327CKRU Datasheet
52Kb / 5P
Variable Capacitance Diode for VHF tuner
HVC327CTRU RENESAS-HVC327CTRU Datasheet
52Kb / 5P
Variable Capacitance Diode for VHF tuner
More results

Similar Description - HVC321B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC317B HITACHI-HVC317B Datasheet
25Kb / 5P
Variable Capacitance Diode for tuner
HVR100 HITACHI-HVR100 Datasheet
29Kb / 5P
Variable Capacitance Diode for AM tuner
HVU308A HITACHI-HVU308A Datasheet
26Kb / 5P
Variable Capacitance Diode for TV tuner
logo
Leshan Radio Company
HVC317B LRC-HVC317B Datasheet
46Kb / 2P
Variable Capacitance Diode for Tuner
HVU300B LRC-HVU300B Datasheet
46Kb / 2P
Variable Capacitance Diode for VHF Tuner
logo
Renesas Technology Corp
HVC417C RENESAS-HVC417C Datasheet
80Kb / 7P
Variable Capacitance Diode for tuner
HVU417C RENESAS-HVU417C Datasheet
141Kb / 5P
Variable Capacitance Diode for tuner
HVR100 RENESAS-HVR100 Datasheet
257Kb / 5P
Variable Capacitance Diode for AM tuner
HVC200A RENESAS-HVC200A Datasheet
240Kb / 5P
Variable Capacitance Diode for VHF tuner
HVC317B RENESAS-HVC317B Datasheet
174Kb / 7P
Variable Capacitance Diode for tuner
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com