Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NNCD3.3B Datasheet(PDF) 4 Page - NEC

Part # NNCD3.3B
Description  ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 500 mW TYPE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD3.3B Datasheet(HTML) 4 Page - NEC

  NNCD3.3B Datasheet HTML 1Page - NEC NNCD3.3B Datasheet HTML 2Page - NEC NNCD3.3B Datasheet HTML 3Page - NEC NNCD3.3B Datasheet HTML 4Page - NEC NNCD3.3B Datasheet HTML 5Page - NEC NNCD3.3B Datasheet HTML 6Page - NEC NNCD3.3B Datasheet HTML 7Page - NEC NNCD3.3B Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NNCD3.3B to NNCD12B
4
NNCD3.3B
NNCD10B
NNCD3.9B
0.01
0.1
1
10
100
1 000
100
10
1
IT - On State Current - mA
TA = 25 °C
TYP.
NNCD4.7B
Fig. 5 Zz - IT CHARACTERISTICS
1 m
10 m
100 m
1
10
100
5 000
1 000
100
10
5
t - Time - s
NNCD [ ] B
300 °C/W
Fig. 6 TRANSIENT THERMAL IMPEDANCE
110
1 000
100
10
1
100
µ
µ
µ
1 m
10 m
TA = 25 °C
Non-repetitive
tT
100 m
tT - Pulse Width - s
NNCD [ ] B
Fig. 7 SURGE REVERSE POWER RATING



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com