Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC355 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HVC355
Description  Variable Capacitance Diode for VCO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HVC355 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HVC355 Datasheet HTML 1Page - Hitachi Semiconductor HVC355 Datasheet HTML 2Page - Hitachi Semiconductor HVC355 Datasheet HTML 3Page - Hitachi Semiconductor HVC355 Datasheet HTML 4Page - Hitachi Semiconductor HVC355 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVC355B
3
Main Characteristic
016
20
10
-6
10
-8
10
-10
48
12
10
-13
10
-12
10
-11
10
-7
10
-9
10
1.0
10
-1
10
1.0
10
-1.5
-1.0
-0.5
0
-1
f=1MHz
Fig.4 L
F
Vs. Reverse voltage
Reverse voltage VR (V)
Fig.1 Reverse current Vs. Reverse voltage
Fig.3 Series resistance Vs. Reverse voltage
Fig.2 Capacitance Vs. Reverse voltage
Reverse voltage VR (V)
Reverse voltage VR (V)
Reverse voltage VR (V)
12
10
8
4
2
6
0
0.6
0.2
0
10
1.0
10
0.1
0.3
-1
0.4
0.5
f=470MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com