Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC362 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HVC362
Description  Variable Capacitance Diode for VCO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HVC362 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HVC362 Datasheet HTML 1Page - Hitachi Semiconductor HVC362 Datasheet HTML 2Page - Hitachi Semiconductor HVC362 Datasheet HTML 3Page - Hitachi Semiconductor HVC362 Datasheet HTML 4Page - Hitachi Semiconductor HVC362 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVC362
3
Main Characteristic
0
48
12
16
20
10
10
10
10
10
-9
-11
-13
-12
-10
1.0
20
0
10
-1
10
f=1MHz
40
60
80
10
1.0
10
2
f=100MHz
0
0.4
0.8
1.2
1.6
2.0
0.2
0.6
1.0
1.4
1.8
1.0
10
10
-1.50
-2.00
-1.00
-0.50
0
-1
f=1MHz
Reverse voltage VR (V)
Fig.1 Reverse current Vs. Reverse voltage
Fig.2 Capacitance Vs. Reverse voltage
Reverse voltage VR (V)
Fig.4 L
F
Vs. Reverse voltage
Fig.3 Series resistance Vs. Reverse voltage
Reverse voltage VR (V)
Reverse voltage VR (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com