Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC366 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HVC366
Description  Variable Capacitance Diode for VCO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HVC366 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HVC366 Datasheet HTML 1Page - Hitachi Semiconductor HVC366 Datasheet HTML 2Page - Hitachi Semiconductor HVC366 Datasheet HTML 3Page - Hitachi Semiconductor HVC366 Datasheet HTML 4Page - Hitachi Semiconductor HVC366 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVC366
3
Main Characteristic
Reverse voltage V R (V)
Fig.1 Reverse current Vs. Reverse voltage
Fig.2 Capacitance Vs. Reverse voltage
Reverse voltage V R (V)
Reverse voltage V R (V)
Fig.3 Series resistance Vs. Reverse voltage
Reverse voltage V R (V)
Fig.4 Linearity factor Vs. Reverse voltage
10
10
-13
08
20
12
10
-11
4
-12
16
12
8
0
10
1.0
10
6
10
-1
4
2
f=1MHz
0.6
0.2
0
10
1.0
10
0.1
0.3
-1
0.4
0.5
f=470MHz
10
1.0
10
-1.5
-1.0
-0.5
0
-1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com