Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC368 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HVC368
Description  Variable Capacitance Diode for VCO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HVC368 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HVC368 Datasheet HTML 1Page - Hitachi Semiconductor HVC368 Datasheet HTML 2Page - Hitachi Semiconductor HVC368 Datasheet HTML 3Page - Hitachi Semiconductor HVC368 Datasheet HTML 4Page - Hitachi Semiconductor HVC368 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVC368B
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
V
R
10
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
-55 to +125
°C
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
I
R1
—
—
10
nA
V
R = 10V
I
R2
—
—
100
V
R = 10V, Ta = 60 °C
Capacitance
C
1
15.0
—
16.5
pF
V
R = 1V, f = 1 MHz
C
2
9.0
—
10.2
V
R = 2V, f = 1 MHz
C
3
5.0
—
6.0
V
R = 3V, f = 1 MHz
Capacitance ratio
n
2.2
—
—
—
C
1/ C3
Series resistance
r
s
—
—
1.1
Ω
V
R = 2V, f = 470 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com