Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B060004 Datasheet(PDF) 1 Page - E-SWITCH

Part # B060004
Description  All Dimension In MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B060004 Datasheet(HTML) 1 Page - E-SWITCH

  B060004 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL3253BBNBGNF160Q
2:1
5/10/2012
B060004
A
rc
1
1
1
2
3
4
RECOMMENDED PCB LAYOUT
L1 L2
L3 L4
12 3 4
4
L2 L4
L3
L4
1
4
L1
L2
2
3
GREEN
BLUE
CIRCUIT DIAGRAM
LOWER
UPPER
+
+
_
_
12.50
[.492 in]
1.73 `.10
.068 `.004 in
[]
n3.48
[.137 in]
.40
[.016 in]
6.00
[.236 in]
NOTES:
1. ALL DIMENSIONS IN MM
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. CONTACT RATING: 50mA @12VDC
5. TRAVEL: 0.25 +0.2/-0.1mm
6. CONTACT RESISTANCE: 100 Milli-Ohms Max.
7. OPERATING FORCE: 160 ± 50gf
8. CONTACT MATERIAL: SILVER
9. MECHANICAL LIFE: 500,000 CYCLES
10. OPERATING TEMP: -20°C TO 70°C
11. DENOTES CRITICAL PARAMETER.
12. PACKAGE: TRAY/ 126 PIECES PER
13. 2002/95/EC (ROHS) COMPLIANT
4.00
[.157 in]
22.60
[.890 in]
6.20
[.24 in]
6.10
[.240 in]
3.50
[.138 in]
.40
[.016 in]
8.55
[.337 in] (2)
7.50
[.295 in]
.30
[.012 in]
4.50
[.177 in]
.60
[.024 in]
8.00
[.315 in]
10.55
[.415 in]
8.40
[.331 in]
6.00
[.236 in]
A
20598
RELEASE FOR PRODUCTION
5/10/12
rc
n1.30
[.051 in]
(4 PL)
n.80
[.031 in]
(4 PL)
8.00
[.315 in]
2.00
[.079 in] TYP.
2.54
[.100 in]
5.08
[.200 in]
1.00
[.039 in]
n1.00
[.039 in]
(4 PL)
2.54
[.100 in]
R2.50
[.098 in]
LED SPECS
UNITS
BLUE
GREEN
FORWARD CURRENT
mA
20
20
FORWARD VOLATGE
V
3.3 TYP - 4.0 MAX
2.1 TYP-2.5 MAX
LUMINOUS INTENSITY
mcd
1000 TYP
600 TYP
BLUE LED
GREEN LED
3.00
[.118 in]
4.50
[.177 in]


Similar Part No. - B060004

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B060001 E-SWITCH-B060001 Datasheet
167Kb / 1P
All Dimension In MM
B060002 E-SWITCH-B060002 Datasheet
167Kb / 1P
All Dimension In MM
B060003 E-SWITCH-B060003 Datasheet
167Kb / 1P
All Dimension In MM
B060005 E-SWITCH-B060005 Datasheet
129Kb / 1P
All Dimension In MM
B060006 E-SWITCH-B060006 Datasheet
182Kb / 1P
All Dimension In MM
More results

Similar Description - B060004

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XR0119B E-SWITCH-XR0119B Datasheet
26Kb / 1P
All Dimension In MM
XR0123B E-SWITCH-XR0123B Datasheet
27Kb / 1P
All Dimension In MM
XR0126B E-SWITCH-XR0126B Datasheet
27Kb / 1P
All Dimension In MM
XR0143P E-SWITCH-XR0143P Datasheet
35Kb / 1P
All Dimension In MM
XR0144P E-SWITCH-XR0144P Datasheet
35Kb / 1P
All Dimension In MM
XR0150P E-SWITCH-XR0150P Datasheet
26Kb / 1P
All Dimension In MM
XR0153P E-SWITCH-XR0153P Datasheet
26Kb / 1P
All Dimension In MM
XR0166P E-SWITCH-XR0166P Datasheet
35Kb / 1P
All Dimension In MM
XR0180P E-SWITCH-XR0180P Datasheet
33Kb / 1P
All Dimension In MM
M301100 E-SWITCH-M301100 Datasheet
34Kb / 1P
All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com