Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B200020 Datasheet(PDF) 1 Page - E-SWITCH

Part # B200020
Description  All Dimension In MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B200020 Datasheet(HTML) 1 Page - E-SWITCH

  B200020 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL1265GAQSCLR
3:1
12/8/2010
B200020
D
BA
1
1
5
13
6
3
6
4
B
19526
ADD DIMS
12/14/10
BMA
3.00
[.118 in]
3.00
[.118 in]
4.50
[.177 in]
6.30
[.248 in]
n.80
[.031 in]
2 PLS
n1.00
[.039 in]
4 PLS
PCB LAYOUT
1
CIRCUIT: SPST
4
3
6
2
5
GRN
AMB
-
-
LED BICOLOR
GREEN / AMBER
NOTES:
1. ALL DIMENSIONS IN MM
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. RATING: 50mA, 12VDC
4. TRAVEL: 0.2 ±0.1
5. OPERATING FORCE: 160±50gf
6. CONTACT RESISTANCE: 100m-Ohms MAX
7. CONTACT MATERIAL: SILVER
8. OPERATING LIFE: 500,000 CYCLES
9. INSULATION RESISTANCE: 100M-Ohms MIN
10. DIELECTRIC STRENGTH: 500VDC FOR 1 MINUTE
11. LED COLOR: GREEN / AMBER
12. OPERATING TEMPERATURE: -20° C TO 70° C
13. 2002/95/EC (ROHS) COMPLIANT
14. DENOTES CRITICAL PARAMETER
1
5
2
3
6
4
LED SPECS
UNITS
GREEN LED
AMBER LED
FORWARD CURRENT
mA
20
20
FORWARD VOLTAGE
V
2.1 TYP. - 2.5 MAX
2.4 TYP. - 2.5 MAX
LUMINOUS INTENSITY
mcd
15
3500
C
19925
REVISED AND REDRAWN
05/09/11
BMA
.90
[.035 in]
6.80
[.268 in]
7.00
[.276 in]
n8.00
[.315 in]
5.80
[.228 in]
1.00
[.039 in]
12.00
[.472 in]
4.50
[.177 in]
3.00
[.118 in]
5.00
[.197 in]
4.50
[.177 in]
.70
[.028 in]
6.30
[.248 in]
2.30
[.091 in]
3.00
[.118 in]
.20
[.008 in]
.30
[.012 in]
6.00
[.236 in]
3.00
[.118 in]
n5.00
[.197 in]
CAP COLOR:
TRANSPARENT
PES MATERIAL
D
20067
CORRECT CIRCUIT DIAGRAM
07/19/11
BMA


Similar Part No. - B200020

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B200021 E-SWITCH-B200021 Datasheet
176Kb / 1P
All Dimension In MM
B200022 E-SWITCH-B200022 Datasheet
179Kb / 1P
All Dimension In MM
B200023 E-SWITCH-B200023 Datasheet
231Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200024 E-SWITCH-B200024 Datasheet
127Kb / 1P
All Dimension In MM
B200025 E-SWITCH-B200025 Datasheet
127Kb / 1P
All Dimension In MM
More results

Similar Description - B200020

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XR0119B E-SWITCH-XR0119B Datasheet
26Kb / 1P
All Dimension In MM
XR0123B E-SWITCH-XR0123B Datasheet
27Kb / 1P
All Dimension In MM
XR0126B E-SWITCH-XR0126B Datasheet
27Kb / 1P
All Dimension In MM
XR0143P E-SWITCH-XR0143P Datasheet
35Kb / 1P
All Dimension In MM
XR0144P E-SWITCH-XR0144P Datasheet
35Kb / 1P
All Dimension In MM
XR0150P E-SWITCH-XR0150P Datasheet
26Kb / 1P
All Dimension In MM
XR0153P E-SWITCH-XR0153P Datasheet
26Kb / 1P
All Dimension In MM
XR0166P E-SWITCH-XR0166P Datasheet
35Kb / 1P
All Dimension In MM
XR0180P E-SWITCH-XR0180P Datasheet
33Kb / 1P
All Dimension In MM
M301100 E-SWITCH-M301100 Datasheet
34Kb / 1P
All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com