Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B200112 Datasheet(PDF) 1 Page - E-SWITCH

Part # B200112
Description  All Dimension In MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B200112 Datasheet(HTML) 1 Page - E-SWITCH

  B200112 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL3200AF160NBQ
8:1
7/26/2010
B200112
A
BLR
1
1
PC MOUNTING
1
2
CIRCUIT
6
5
Luminous Intensity @20mA
mcd
45
3.5-3.8
15
Forward Current
Forward Voltage
mA
V
LED Specifications
Units
Blue
A
19219
RELEASED FOR PRODUCTION
7/26/10
BLR
9.30
[.366 in]
6.30
[.248 in]
5.40
[.213 in]
3.40
[.134 in]
1.40
[.055 in]
1
2
1
2
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. RATING: 12VDC, 50mA MAX.
4. CONTACT RESISTANCE: 500 Milli OHMS MAX.
5. INSULATION RESISTANCE: 100VDC, 100 Mega OHMS MIN.
6. TRAVEL: 0.25 mm
7. OPERATING FORCE: 160 +75/-30gf
8. OPERATING TEMPURATURE: -20
~C TO 70~C
9. OPERATING LIFE: 30,000 CYCLES MIN.
10. PACKAGING: TAPE & REEL, 3000 PIECES PER REEL
11.
DENOTES CRITICAL PARAMETER
12. 2002/95/EC (ROHS) COMPLIANT
2.00
[.079 in]
5.00
[.197 in]
1
2
6
6
5
1
2
4
6
3
5
2
Blue
2.00
[.079 in]
2.50
[.098 in]
2.30
[.091 in]
4.50
[.177 in]
6.80
[.268 in]
1.20
[.047 in]
.20
[.008 in]
8.00
[.315 in]
.60
[.024 in]
1.63
[.064 in]
BLUE LED
NO LED
.50
[.020 in]
E-SWITCH
LOGO
LOCATION


Similar Part No. - B200112

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B200110 E-SWITCH-B200110 Datasheet
124Kb / 1P
All Dimension In MM
B200111 E-SWITCH-B200111 Datasheet
124Kb / 1P
All Dimension In MM
B200113 E-SWITCH-B200113 Datasheet
173Kb / 1P
All Dimension In MM
B200114 E-SWITCH-B200114 Datasheet
111Kb / 1P
All Dimension In MM
B200115 E-SWITCH-B200115 Datasheet
105Kb / 1P
All Dimension In MM
More results

Similar Description - B200112

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XR0119B E-SWITCH-XR0119B Datasheet
26Kb / 1P
All Dimension In MM
XR0123B E-SWITCH-XR0123B Datasheet
27Kb / 1P
All Dimension In MM
XR0126B E-SWITCH-XR0126B Datasheet
27Kb / 1P
All Dimension In MM
XR0143P E-SWITCH-XR0143P Datasheet
35Kb / 1P
All Dimension In MM
XR0144P E-SWITCH-XR0144P Datasheet
35Kb / 1P
All Dimension In MM
XR0150P E-SWITCH-XR0150P Datasheet
26Kb / 1P
All Dimension In MM
XR0153P E-SWITCH-XR0153P Datasheet
26Kb / 1P
All Dimension In MM
XR0166P E-SWITCH-XR0166P Datasheet
35Kb / 1P
All Dimension In MM
XR0180P E-SWITCH-XR0180P Datasheet
33Kb / 1P
All Dimension In MM
M301100 E-SWITCH-M301100 Datasheet
34Kb / 1P
All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com