Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NNCD3.3D Datasheet(PDF) 1 Page - NEC

Part # NNCD3.3D
Description  ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD3.3D Datasheet(HTML) 1 Page - NEC

  NNCD3.3D Datasheet HTML 1Page - NEC NNCD3.3D Datasheet HTML 2Page - NEC NNCD3.3D Datasheet HTML 3Page - NEC NNCD3.3D Datasheet HTML 4Page - NEC NNCD3.3D Datasheet HTML 5Page - NEC NNCD3.3D Datasheet HTML 6Page - NEC NNCD3.3D Datasheet HTML 7Page - NEC NNCD3.3D Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1996
DATA SHEET
E.S.D NOISE CLIPPING DIODES
NNCD3.3D to NNCD12D
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES
(200 mW TYPE)
This product series is a diode developed for E.S.D (Electrostatic
Discharge) noise protection. Based on the IEC1000-4-2 test on
electromagnetic interference (EMI), the diode assures an endur-
ance of no less than 30 kV, thus making itself most suitable for
external interface circuit protection.
Type NNCD3.3D to NNCD12D Series are into 2PIN Super Mini
Mold Package having allowable power dissipation of 200 mW.
FEATURES
•
Based on the electrostatic discharge immunity test (IEC1000-4-
2), the product assures the minimum endurance of 30 kV.
•
Based on the reference supply of the set, the product achieves
a series over a wide range (15 product name lined up).
APPLICATIONS
•
External interface circuit E.S.D protection.
•
Circuits for Waveform clipper, Surge absorber.
Document No. D11772EJ2V0DS00 (2nd edition)
Date Published December 1996 N
Printed in Japan
PACKAGE DIMENSIONS
(in millimeters)
MAXIMUM RATINGS (TA = 25
°C)
Power Dissipation
P
200 mW
Surge Reverse Power
PRSM
85 W (tT = 10
µs 1 pulse) Fig. 6
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–55
°C to +150 °C
1.7 ± 0.1
2.5 ± 0.15
Cathode
Indication


Similar Part No. - NNCD3.3D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NNCD3.3DA RENESAS-NNCD3.3DA Datasheet
227Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE 2-PIN SUPER MINI MOLD
More results

Similar Description - NNCD3.3D

ManufacturerPart #DatasheetDescription
logo
NEC
NNCD12A NEC-NNCD12A Datasheet
47Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 400 mW TYPE
NNCD12B NEC-NNCD12B Datasheet
43Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 500 mW TYPE
NNCD12C NEC-NNCD12C Datasheet
41Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 150 mW TYPE
NNCD12E NEC-NNCD12E Datasheet
40Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
NNCD12F NEC-NNCD12F Datasheet
40Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES DOUBLE TYPE, ANODE COMMON 3PIN MINI MOLD
NNCD68H NEC-NNCD68H Datasheet
40Kb / 5P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE
NNCD27G NEC-NNCD27G Datasheet
41Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (QUARTO TYPE : COMMON ANODE) 5 PIN MINI MOLD
NNCD56LG NEC-NNCD56LG Datasheet
49Kb / 8P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (QUARTO TYPE: COMMON ANODE) 5-PIN MINI MOLD
NNCD56MG NEC-NNCD56MG Datasheet
35Kb / 4P
LOW CAPACITANCE HIGH ESD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 5-PIN MINI MOLD
NNCD62MF NEC-NNCD62MF Datasheet
36Kb / 4P
LOW CAPACITANCE HIGH ESD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 3-PIN MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com