Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-CBS-F4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # F-CBS-F4
Description  Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F-CBS-F4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  F-CBS-F4 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Option-19
Option
Optional Parts
0
1
2
3
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
F-CBS-F1/F2
F-CBS-F3/F4
F-CBS-F5/F6
Fig.7 Thermal resistance of heat sink(Forced air)
Fig.4 F-CBS-F2 external view
Fig.5 F-CBS-F4 external view
Fig.6 F-CBS-F6 external view
Fig.1 F-CBS-F1 external view
Fig.2 F-CBS-F3 external view
Fig.3 F-CBS-F5 external view
1
2
3
4
5
6
F-CBS-F1
F-CBS-F2
F-CBS-F3
F-CBS-F4
F-CBS-F5
F-CBS-F6
57.9
58.4
57.9
58.4
57.9
58.4
61.5
61.0
61.5
61.0
61.5
61.0
7.5
4.6
3.0
Horizontal
Vertical
Horizontal
Vertical
Horizontal
Vertical
WD
Convection
(0.1m/s)
Forced Air
Size [mm]
Thermal resistance [ /W]
H
Style
Style
No
No
Model
12.7
12.7
25.4
25.4
38.1
38.1
Refer Fig.7
Chart: List of Heat sink for TUNS100 series, CBS series,
and DHS250 series
DHS200 series
Heat sink
Heat sink is prepared in TUNS100 series, CBS series,
and DHS250 series.
DHS200 series
48.3
0.7
58.4
1.2
5.05
F-CBS-F2
1.2
5.05
48.3
0.7
58.4
F-CBS-F4
5.35
1.4
0.7
61.5
50.8
Model number
F-CBS-F3
1.2
5.05
48.3
0.7
58.4
F-CBS-F6
7.75
1.4
5.35
0.7
61.5
50.8
F-CBS-F5
7.85
1.4
5.35
0.7
61.5
50.8
F-CBS-F1
Model number
Model number
7.9
Model number
7.7
Model number
7.6
Model number
7.7
4- 3.5
4- 3.5
4- 3.5
4- 3.5
4- 3.5
4- 3.5
Wind velocity [m/s]


Similar Part No. - F-CBS-F4

ManufacturerPart #DatasheetDescription
logo
THOR communications
F-CHASSIS THOR-F-CHASSIS Datasheet
2Mb / 1P
The Thor Fiber Chassis systems are designed with system flexibility in mind.
More results

Similar Description - F-CBS-F4

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
EMI-EU010 LSTD-EMI-EU010 Datasheet
56Kb / 5P
Prepared in accordance with Regulation
TGREASE-880 LSTD-TGREASE-880 Datasheet
93Kb / 4P
Prepared in accordance with OSHA Hazard communication
logo
Thinki Semiconductor Co...
HER1001CTS THINKISEMI-HER1001CTS Datasheet
635Kb / 2P
10Ampere Heat Sink Dual Series Connection High Efficiency Rectifiers
HER1001GS THINKISEMI-HER1001GS Datasheet
634Kb / 2P
10Ampere Heat Sink Dual Series Connection High Efficiency Rectifiers
HER1001S THINKISEMI-HER1001S Datasheet
635Kb / 2P
10Ampere Heat Sink Dual Series Connection High Efficiency Rectifiers
HER1601CTS THINKISEMI-HER1601CTS Datasheet
642Kb / 2P
16Ampere Heat Sink Dual Series Connection High Efficiency Rectifiers
HER1601GS THINKISEMI-HER1601GS Datasheet
641Kb / 2P
16Ampere Heat Sink Dual Series Connection High Efficiency Rectifiers
HER1601S THINKISEMI-HER1601S Datasheet
641Kb / 2P
16Ampere Heat Sink Dual Series Connection High Efficiency Rectifiers
UF1600E THINKISEMI-UF1600E Datasheet
676Kb / 2P
16Ampere Heat Sink Dual Series Connection High Efficiency Rectifiers
logo
FOTEK CONTROLS CO., LTD...
ASR-40DA FOTEK-ASR-40DA Datasheet
1Mb / 3P
ASR/ACR series Enhanced heat sink solid state module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com