Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2920 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N2920
Description  NPN SILICON DUAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2920 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N2920 Datasheet HTML 1Page - Microsemi Corporation 2N2920 Datasheet HTML 2Page - Microsemi Corporation 2N2920 Datasheet HTML 3Page - Microsemi Corporation 2N2920 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0202 Rev. 1 (110638)
Page 2 of 4
ELECTRICAL CHARACTERISTICS (con’t)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
ON CHARACTERTICS
Forward-Current Transfer Ratio
IC = 10μAdc, VCE = 5.0Vdc
IC = 100μAdc, VCE = 5.0Vdc
IC = 1.0mAdc, VCE = 5.0Vdc
2N2919, 2N2919L , 2N2919U
hFE
60
100
150
240
325
600
IC = 10μAdc, VCE = 5.0Vdc
IC = 100μAdc, VCE = 5.0Vdc
IC = 1.0mAdc, VCE = 5.0Vdc
2N2920, 2N2920L, 2N2920U
hFE
175
235
300
600
800
1000
Collector-Emitter Saturation Voltage
VCE(sat)
Vdc
IC = 1.0mAdc, IB = 100μAdc
0.3
Base-Emitter Saturation Voltage
VBE(sat)
Vdc
IC = 1.0mAdc, IB = 100μAdc
0.5
1.0
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Forward Current Transfer Ratio, Magnitude
|hfe|
IC = 0.5mAdc, VCE = 5.0Vdc, f = 20MHz
3.0
20
Small-Signal Short Circuit Input Impedance
hje
k
Ω
IC = 1.0mAdc, VCE = 5Vdc, f = 1.0kHz
3.0
30
Small-Signal Short Circuit Output Admittance
hoe
μmhos
IC = 1.0mAdc, VCE = 5Vdc, f = 1.0kHz
60
Output Capacitance
VCB = 5.0Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
Cobo
5.0
pF
Noise Figure
dB
IC = 10μAdc, VCE = 5Vdc, f = 100Hz, RG = 10kΩ
F1
5.0
IC = 10μAdc, VCE = 5Vdc, f = 1.0kHz, RG = 10kΩ
F2
3.0
IC = 10μAdc, VCE = 5Vdc, f = 10kHz, RG = 10kΩ
F3
3.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com