Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H2016B-3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # H2016B-3
Description  NEMA Contactors & Starters Freedom
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

H2016B-3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  H2016B-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers H2016B-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
September 2008
CA08102001E
For more information visit: www.eaton.com
33-105
NEMA Contactors & Starters
33
Freedom
Relays — Thermal Overload
Factory Modifications
C306 Thermal Overload Relays with Mounting Adapter
Consists of a thermal overload relay mounted to a terminal
base adapter — permits fast and easy installation.
Table 33-159. Product Selection
Accessories
DIN Rail and Panel Mounting Adapter
These adapters are required when
component overload relays are to be
separately mounted. The terminal base
adapter includes line terminals and
connects with the overload relays on
Page 33-107.
Table 33-160. Product Selection
This Series B adapter will accept Series A or B overload relays
(C306GN3 or C306GN3B), C306TB2 can only be used with C306GN3.
Locking Cover for Overload Relay — C306 Only
Snap-on transparent or opaque plastic
panel for covering access port to the
overload relay trip setting dial — helps
prevent accidental or unauthorized
changes to trip and reset setting.
Table 33-161. Product Selection
Replacement Parts
Heater Pack Replacement
The heater pack series is determined by the 6th character of
the Catalog Number. Series A or prior heater packs (identi-
fied by either “A” or “-” as the 6th character) have built-in
load lugs. Series B or later heater packs do not (load lugs are
on overload relay). Replacement of Series A or earlier heater
packs with Series B or later heater packs, requires the one
time addition of Lug Adapter Kit C3606KAL1-3B to the Series
A1 overload relay.
Table 33-162. Heater Pack Replacement Requirements
Table 33-163. Heater Pack Ratings
Description
Catalog
Number
Price
U.S. $
C306DN3B + C306TB1
C306GN3B + C306TB2B
C306DT3B
C306GT3B
Description
Catalog
Number
Price
U.S. $
For 32A Overload Relay
For 75A Overload Relay
C306TB1
C306TB2B
Description
Min.
Order Qty.
(Std. Pkg.)
Catalog
Number
Price
U.S. $
Clear cover, no accessibility
50
C320PC3
Gray cover, no accessibility
w/Auto only nib
50
C320PC4
Gray cover, no accessibility,
w/Manual only nib
50
C320PC5
Gray cover with FLA dial
accessibility, A, B, C, D positions
and Auto only nib
50
C320PC6
Gray cover with FLA dial
accessibility, A, B, C, D positions
and Manual only nib
50
C320PC7
Cat. No. C306TB1
Overload Relay
Cover
Existing Heater Pack
Catalog Numbers
Replacement Product Required
H2001-3 – H2013-3
H2001A-3 – H2013A-3
Lug Adapter Kit C306KAL1-3B and Series B
Heater Pack
H2001B-3 – H2013B-3
Series B Heater Pack
H2014-3
H2014A-3
When inventory is exhausted, replace with
Lug Adapter Kit C3606KAL1-3B and Series B
Heater Pack
H2014B-3
Series B Heater Pack
H2015-3 – H2017-3
When inventory is exhausted, replace with
heater pack chosen from
Table 33-163
H2015A-3 – H2017A-3
When inventory is exhausted, replace with
Lug Adapter Kit C3606KAL1-3B and Series B
Heater Pack
H2015B-3 – H2017B-3
Series B Heater Pack
Motor Full Load Ampere Rating
Order
Heater Pack
Catalog Number
Price
U.S. $
Dial Position
A
BCD
29.0
39.6
53.9
32.5
44.3
60.4
36.0
49.1
66.8
39.5
53.8
74.9
H2015B-3
H2016B-3
H2017B-3
Discount Symbol . . . . . . . . . . . . . . . . . . . . . . . 1CD1C
Superseded
Series A
Heater Pack
Series B
Heater Pack


Similar Part No. - H2016B-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H2016B-3 ETC-H2016B-3 Datasheet
226Kb / 4P
NEMA Contactors & Starters 33-79
More results

Similar Description - H2016B-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
TeSys??IEC-Style Contactors and Starters
LC1K0910F7 ETC2-LC1K0910F7 Datasheet
5Mb / 56P
TeSys짰 IEC Contactors and Starters
LC1D18F7 ETC2-LC1D18F7 Datasheet
13Mb / 252P
TeSys??IEC-Style Contactors and Starters
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
NEMA Contactors & Starters 33-79
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
Definite Purpose Contactors & Starters
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
IEC Contactors & Starters
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
Vacuum Contactors & Starters
logo
Schneider Electric
9999SA2 SCHNEIDER-9999SA2 Datasheet
120Kb / 2P
Start Stop push button kit, NEMA 1, Type S contactors and starters
May 19, 2022
9999SC2 SCHNEIDER-9999SC2 Datasheet
122Kb / 2P
Hand Off Auto selector switch kit, NEMA 1, for contactors and starters
May 19, 2022
9999SC8 SCHNEIDER-9999SC8 Datasheet
92Kb / 2P
Hand Off Auto selector switch kit, NEMA 1/3R/12, for contactors and starters
May 19, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com