Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2920L Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N2920L
Description  NPN SILICON DUAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2920L Datasheet(HTML) 3 Page - Microsemi Corporation

  2N2920L Datasheet HTML 1Page - Microsemi Corporation 2N2920L Datasheet HTML 2Page - Microsemi Corporation 2N2920L Datasheet HTML 3Page - Microsemi Corporation 2N2920L Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0202 Rev. 1 (110638)
Page 3 of 4
PACKAGE DIMENSIONS
NOTES:
1
Dimensions are in inches.
2
Millimeters are given for general information only.
3
Tab Shown omitted.
4
Lead number 4 and 8 omitted on this variation.
5
Beyond r maximum, TW shall be held to a minimum length of .21 inch (5.33 mm)
6
TL shall be measured from maximum CD.
7
Details of outline in this zone are optional.
8
CD1 shall not vary more than .010 inch (0.25 mm) in zone P. This zone is controlled for automatic handling.
9
Leads at gauge plane .054 - .055 inch (1.37 - 1.40 mm) below seating plane shall be within .007 inch (0.18 mm) radius of
true position (TP) at a maximum material condition (MMC) relative to the tab at MMC. The device may be measured by
direct methods or by the gauge and gauging procedures described on gauge drawing GS-1.
10
LU applies between L1 and L2. LD applies between L2 and LL minimum. Diameter is uncontrolled in L1 and beyond LL
minimum.
11
For transistor types 2N2919 and 2N2920, LL is .500 inch (12.70 mm) minimum and .750 inch (19.05 mm) maximum.
12
For transistor type 2N2919L and 2N2920L, LL is 1.500 inches (38.10 mm) minimum and 1.750 inches (44.45 mm)
maximum.
13
In accordance with ASME Y14.5M, diameters are equivalent to
φx symbology.
FIGURE 1. Physical dimensions 2N2919, 2N2919L, 2N2920, and 2N2920L (TO-78).
DIMENSIONS
Symbol
Inches
Millimeters
Notes
Min
Max
Min
Max
CD
.335
.370
8.51
9.40
CD1
.305
.335
7.75
8.51
CH
.140
.260
3.56
6.60
HT
.009
.041
0.23
1.04
LC
.140
.160
3.56
4.06
LC1
.200 TP
5.08 TP
9
LD
.016
.021
.041
0.53
10
LL
See notes 10, 11 and 12
LU
.016
.019
.041
0.48
10
L1
.050
1.27
10
L2
.250
6.35
10
P
.100
2.54
8
Q
.050
1.27
7
TL
.029
.045
0.74
1.14
5, 6
TW
.028
.034
0.71
0.86
4, 5
r
.010
0.25
α
45°TP
45°TP
9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com