Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC123P2 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC123P2
Description  DIP 4pin Reinforced Insulation Type Photocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC123P2 Datasheet(HTML) 2 Page - Sharp Corporation

  PC123P2 Datasheet HTML 1Page - Sharp Corporation PC123P2 Datasheet HTML 2Page - Sharp Corporation PC123P2 Datasheet HTML 3Page - Sharp Corporation PC123P2 Datasheet HTML 4Page - Sharp Corporation PC123P2 Datasheet HTML 5Page - Sharp Corporation PC123P2 Datasheet HTML 6Page - Sharp Corporation PC123P2 Datasheet HTML 7Page - Sharp Corporation PC123P2 Datasheet HTML 8Page - Sharp Corporation PC123P2 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
■ Internal Connection Diagram
Anode
Cathode
Emitter
Collector
1
1
2
3
4
2
4
3
2
Sheet No.: D2-A02902EN
■ Outline Dimensions
(Unit : mm)
1. Through-Hole [ex. PC123]
2. Through-Hole (VDE0884 option) [ex. PC123Y]
3. Wide Through-Hole Lead-Form [ex. PC123F]
4. Wide Through-Hole Lead-Form (VDE0884 option) [ex. PC123FY]
PC123
6.5±
0.3
7.62±
0.3
0.26±
0.1
4.58±
0.3
Anode mark
0.5±
0.1
θ
θ
θ : 0 to 13˚
Epoxy resin
1
2
4
3
Rank mark
Factory identification mark
Date code
PC123
6.5±
0.3
7.62±
0.3
4.58±
0.3
Anode mark
0.5±
0.1
θ
θ
θ : 0 to 13˚
Epoxy resin
1
2
4
3
Rank mark
Factory identification mark
Date code
SHARP mark "S"
VDE0884
Indenfication mark
0.26±
0.1
4
PC123
6.5
±0.3
7.62
±0.3
Epoxy resin
4.58
±0.3
0.26
±0.1
10.16
±0.5
Anode mark
1
2
3
4
0.5
±0.1
Rank mark
Factory identification mark
Date code
PC123
6.5
±0.3
7.62
±0.3
Epoxy resin
4.58
±0.3
0.26
±0.1
10.16
±0.5
Anode mark
1
2
3
4
0.5
±0.1
Rank mark
Factory identification mark
Date code
SHARP mark "S"
VDE0884
Indenfication mark
4
PC123 Series
Product mass : approx. 0.18g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com