Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8562TT Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8562TT
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8562TT Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8562TT Datasheet HTML 17Page - NXP Semiconductors PCF8562TT Datasheet HTML 18Page - NXP Semiconductors PCF8562TT Datasheet HTML 19Page - NXP Semiconductors PCF8562TT Datasheet HTML 20Page - NXP Semiconductors PCF8562TT Datasheet HTML 21Page - NXP Semiconductors PCF8562TT Datasheet HTML 22Page - NXP Semiconductors PCF8562TT Datasheet HTML 23Page - NXP Semiconductors PCF8562TT Datasheet HTML 24Page - NXP Semiconductors PCF8562TT Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
PCF8562
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 June 2011
21 of 43
NXP Semiconductors
PCF8562
Universal LCD driver for low multiplex rates
• In 1:2 multiplex mode, rows 0 and 1 are selected
• In static mode, row 0 is selected
The PCF8562 includes a RAM bank switching feature in the static and 1:2 multiplex drive
modes. In the static drive mode, the bank-select command may request the content of
row 2 to be selected for display instead of the content of row 0. In the 1:2 multiplex mode,
the content of rows 2 and 3 may be selected instead of rows 0 and 1. This gives the
provision for preparing display information in an alternative bank and to be able to switch
to it once it is assembled.
7.10.5 Input bank selector
The input bank selector loads display data into the display RAM in accordance with the
selected LCD drive configuration.
The bank-select command (see Table 14) can be used to load display data in row 2 in
static drive mode or in rows 2 and 3 in 1:2 mode. The input bank selector functions are
independent of the output bank selector.
7.11 Blinking
The display blinking capabilities of the PCF8562 are very versatile. The whole display can
blink at frequencies selected by the blink-select command (see Table 15). The blink
frequencies are fractions of the clock frequency. The ratio between the clock and blink
frequencies depends on the blink mode selected (see Table 8).
An additional feature is for an arbitrary selection of LCD elements to blink. This applies to
the static and 1:2 multiplex drive modes and can be implemented without any
communication overheads. By means of the output bank selector, the displayed RAM
banks are exchanged with alternate RAM banks at the blink frequency. This mode can
also be specified by the blink-select command.
In the 1:3 and 1:4 multiplex modes, where no alternative RAM bank is available, groups of
LCD elements can blink by selectively changing the display RAM data at fixed time
intervals.
[1]
Blink modes 1, 2, and 3 and the nominal blink frequencies 0.5 Hz, 1 Hz, and 2 Hz correspond to an
oscillator frequency (fclk) of 1536 Hz (see Section 12).
The entire display can blink at a frequency other than the nominal blink frequency. This
can be effectively performed by resetting and setting the display enable bit E at the
required rate using the mode-set command (see Table 11).
Table 8.
Blinking frequencies[1]
Blink mode
Normal operating mode ratio
Nominal blink frequency
off
-
blinking off
12 Hz
21 Hz
3
0.5 Hz
f
clk
768
----------
f
clk
1536
-------------
f
clk
3072
-------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com