Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM-C4 Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # PCM-C4
Description  Pre-Printed Marker Cards PCM Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCM-C4 Datasheet(HTML) 3 Page - PANDUIT CORP.

  PCM-C4 Datasheet HTML 1Page - PANDUIT CORP. PCM-C4 Datasheet HTML 2Page - PANDUIT CORP. PCM-C4 Datasheet HTML 3Page - PANDUIT CORP. PCM-C4 Datasheet HTML 4Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Marker size:
Full size marker – 1.50" (38.10mm). Maximum wire O.D., .38" (9.50mm).
Part Number
Color
Width
Length
Markers
Per
Card
Std.
Pkg.
Card(s)
Std.
Ctn.
Card(s)
In.
mm
In.
mm
PCM-BLK
Black
.25
6.35
1.50
38.10
36
25
100
PCM-BRN
Brown
.25
6.35
1.50
38.10
25
100
PCM-DBL
Dark Blue
.25
6.35
1.50
38.10
25
100
PCM-DGN
Dark Green
.25
6.35
1.50
38.10
25
100
PCM-GRY
Gray
.25
6.35
1.50
38.10
25
100
PCM-LBL
Light Blue
.25
6.35
1.50
38.10
25
100
PCM-LGN
Light Green
.25
6.35
1.50
38.10
25
100
PCM-ORN
Orange
.25
6.35
1.50
38.10
25
100
PCM-PNK
Pink
.25
6.35
1.50
38.10
25
100
PCM-PUR
Purple
.25
6.35
1.50
38.10
25
100
PCM-RED
Red
.25
6.35
1.50
38.10
25
100
PCM-TAN
Tan
.25
6.35
1.50
38.10
25
100
PCM-WHT
White
.25
6.35
1.50
38.10
25
100
PCM-YEL
Yellow
.25
6.35
1.50
38.10
25
100
Pre-Printed Marker Cards
PCM Type (continued)
PCM-1T1
Part Number
Legend
Width
Length
Markers
Per
Card
Std.
Pkg.
Card(s)
Std.
Ctn.
Card(s)
In.
mm
In.
mm
PCM-1L1
1L1
0.36
9.14
1.50
38.10
25
25
100
thru
thru
PCM-1L3
1L3
PCM-2L1
2L1
0.36
9.14
1.50
38.10
25
100
thru
thru
PCM-2L3
2L3
PCMH-3L1
3L1
0.36
9.14
1.50
38.10
25
100
thru
thru
PCMH-3L3
3L3
PCM-4L1
4L1
0.36
9.14
1.50
38.10
25
100
thru
thru
PCM-4L3
4L3
PCM-1T1
1T1
0.36
9.14
1.50
38.10
25
100
thru
thru
PCM-1T3
1T3
PCM-3T1
3T1
0.36
9.14
1.50
38.10
25
100
thru
thru
PCM-3T3
3T3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com