Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NNCD6.2B Datasheet(PDF) 2 Page - NEC

Part # NNCD6.2B
Description  ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 500 mW TYPE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD6.2B Datasheet(HTML) 2 Page - NEC

  NNCD6.2B Datasheet HTML 1Page - NEC NNCD6.2B Datasheet HTML 2Page - NEC NNCD6.2B Datasheet HTML 3Page - NEC NNCD6.2B Datasheet HTML 4Page - NEC NNCD6.2B Datasheet HTML 5Page - NEC NNCD6.2B Datasheet HTML 6Page - NEC NNCD6.2B Datasheet HTML 7Page - NEC NNCD6.2B Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NNCD3.3B to NNCD12B
2
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
Type Number
Breakdown VoltageNote 1
Dynamic
Reverse Leakage
Capacitance
E.S.D Voltage
VBR (V)
ImpedanceNote 2
IR (
µA)
Ct (pF)
(kV)
Zz (
Ω)
MIN.
MAX.
IT (mA)
MAX.
IT (mA)
MAX.
VR (V)
TYP.
TEST
MIN.
TEST
CONDITION
CONDITION
NNCD3.3B
3.16
3.53
20
70
20
20
1.0
240
30
NNCD3.6B
3.47
3.83
20
60
20
10
1.0
230
30
NNCD3.9B
3.77
4.14
20
50
20
5
1.0
220
30
NNCD4.3B
4.05
4.53
20
40
20
5
1.0
210
30
NNCD4.7B
4.47
4.91
20
25
20
5
1.0
190
30
NNCD5.1B
4.85
5.35
20
20
20
5
1.5
160
30
C = 150 pF
NNCD5.6B
5.29
5.88
20
13
20
5
2.5
140
VR = 0 V
30
R = 330
Ω
NNCD6.2B
5.81
6.40
20
10
20
5
3.0
120
f = 1 MHz
30
(IEC1000
NNCD6.8B
6.32
6.97
20
8
20
2
3.5
110
30
-4-2)
NNCD7.5B
6.88
7.64
20
8
20
0.5
4.0
90
30
NNCD8.2B
7.56
8.41
20
8
20
0.5
5.0
90
30
NNCD9.1B
8.33
9.29
20
8
20
0.5
6.0
90
30
NNCD10B
9.19
10.3
20
8
20
0.2
7.0
80
30
NNCD11B
10.18
11.26
10
10
10
0.2
8.0
70
30
NNCD12B
11.13
12.30
10
10
10
0.2
9.0
70
30
Notes 1. Tested with pulse (40 ms)
2. Zz is measured at IT give a small A.C. signal.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com