Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1136A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT1136A
Description  Football LCD Game
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1136A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT1136A Datasheet HTML 1Page - Holtek Semiconductor Inc HT1136A Datasheet HTML 2Page - Holtek Semiconductor Inc HT1136A Datasheet HTML 3Page - Holtek Semiconductor Inc HT1136A Datasheet HTML 4Page - Holtek Semiconductor Inc HT1136A Datasheet HTML 5Page - Holtek Semiconductor Inc HT1136A Datasheet HTML 6Page - Holtek Semiconductor Inc HT1136A Datasheet HTML 7Page - Holtek Semiconductor Inc HT1136A Datasheet HTML 8Page - Holtek Semiconductor Inc HT1136A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Functional Description
Key description
• RESET
Press this key to re-initialize the game. The
scoreboard is cleared to zero (data is lost) and
restarts the game from the beginning.
• START/ON
When power is off, press this key to start the
game. When the game is in progress, pressing
this key has no effect.
• MUTE
Pressing this key can turn off the music and
sound effects without disturbing the game.
Pressing it again restores the music and
sound effects.
• OFF
Pressing this key at any time can turn off the
power. But the highest score is saved.
• PAUSE
Pressing this key can temporarily stop the
game, freeze the screen and stop the sound
effects. Press it again and the game continues.
• PASS
In defense, this key can control the team
members (which will be flashing) of the
player’s side. In offense, pressing this key can
pass the ball to the other team member in the
player’s side. The ball is passed in the direc-
tion given in the table.
• KICK
In defense, this key can select a team member
on the player’s side, but it’s direction is differ-
ent from the PASS key. For offense, if not in
the penalty area, pressing this key can pass
the ball to the other team member on the
player’s side, but the pass direction is differ-
ent from the PASS key. If within the penalty
area of the opponent’s side, it is goal shooting
of which direction cannot be controlled. The
ball is passed to the direction as indicated in
the table.
• UP
It moves the flashing team member upward.
If the flashing team member controls the ball,
the screen can go to the next.
• DOWN
It makes the flashing team member move
down.
• LEFT
It makes the flashing team member move to
the left, or controls the goal shooting direction
in the PK contest.
• RIGHT
It makes the flashing team member move to
the right, or controls the goal shooting direc-
tion in the PK contest.
* At both sides’ penalty area, there are only two
team members. If in defense, it doesn’t matter
whether PASS or KICK key is pressed, it always
shifts the ball from one to the other team member.
In offense, at the other side’s penalty area, press-
ing the PASS key means to pass the ball to the
other team member, while pressing the KICK key
means “goal shooting”.
Operational description
• Player assigns team members wearing dark
football shirts to contest with the opponents
wearing light football shirts who is controlled
by the internal computer. Player’s team mem-
ber should defend from the bottom to the top
of the screen and defend the opponent’s goal
shooting at the bottom. During the contest,
opponents will use a lot of techniques to inter-
cept the ball and approach the goal on the
bottom of the screen. Players can stop the
opponents and intercept the ball for a counter-
attack.
• Press the START/ON key, the screen then
shows the highest score and a prelude (start
music) is played. The highest score is shown
for 2 seconds and the current level is indi-
cated. Press the START/ON key again and the
game starts. With a whistle sound, player
begins to attack.
HT1136A
2
17th Nov ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com