Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1137A Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT1137A
Description  Motorcycle LCD Game
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1137A Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT1137A Datasheet HTML 1Page - Holtek Semiconductor Inc HT1137A Datasheet HTML 2Page - Holtek Semiconductor Inc HT1137A Datasheet HTML 3Page - Holtek Semiconductor Inc HT1137A Datasheet HTML 4Page - Holtek Semiconductor Inc HT1137A Datasheet HTML 5Page - Holtek Semiconductor Inc HT1137A Datasheet HTML 6Page - Holtek Semiconductor Inc HT1137A Datasheet HTML 7Page - Holtek Semiconductor Inc HT1137A Datasheet HTML 8Page - Holtek Semiconductor Inc HT1137A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LCD Display Label
LCD Pattern Contrast Table
Pad No.
Pin No.
COM0
COM1
COM2
COM3
SEGMENT
65
1
R11
B2
SPEED
S0
SEG31
64
2
S6
R8
R10
R9
SEG30
63
3
R1
M2
H2
C2
SEG29
62
4
5-0
4c
4b
4a
SEG28
61
5
4d
4e
4g
4f
SEG27
60
6
T1
3c
3b
3a
SEG26
59
7
3d
3e
3g
3f
SEG25
58
8
B1
2c
2b
2a
SEG24
57
9
2d
2e
2g
2f
SEG23
HT1137A
4
19th Nov ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com