Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT113AA Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT113AA
Description  StreetfighterS LCD Game
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT113AA Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT113AA Datasheet HTML 1Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 2Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 3Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 4Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 5Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 6Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 7Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 8Page - Holtek Semiconductor Inc HT113AA Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
HT113AA
2
December 14, 1999
Functional Description
Key description
· RESET
This key resets the game and clears any pre-
viously recorded score. If the PUNCH and
RESET keys are pressed simultaneously and
then the RESET key is released while still
holding the PUNCH key, all the LCD patterns
will be displayed for testing purposes.
· START/PAUSE
If the game is in the demonstration mode or at
the GAME OVER stage, pressing this key
starts the game. If play has commenced,
pressing this key temporarily stops the game.
If it is pressed again the game continues.
· MUTE
This key controls the sound effects. Its toggle
action alternately turns the sound on or off.
· ON/OFF
This key controls the power supply to the IC.
Its toggle action alternately turns the game
on or off.
· ­
Moves the player up.
· ¯
Moves the player down.
· ¬
Moves the player to the left.
· ®
Moves the player to the right.
· Punch/Mode
This key serves two functions, one is for punch-
ing the opponent and the other is to set the
mode of the game. Before the game starts this
key can be used to select one of the four playing
modes. After the game has started this key is
used to enable the player to punch the oppo-
nent.
· Kick
This key is used to enable the player to kick
the opponent.
Operation
· After pressing the ON/OFF switch to turn on
the power supply, the game will immediately
enter the demonstration mode. The game will
demonstrate how the player and enemy fig-
ures fight. The highest score will also be dis-
played. If Punch/Mode is pressed the game
mode can be chosen which is then represented
by the number of heads shown at the bottom
right corner of the screen.
¨ Mode 1
One head displayed- one enemy to fight
with.
¨ Mode 2
Two heads displayed- two enemies to fight
with.
¨ Mode 3
Three heads and one weapon displayed-
three enemies to fight with.
¨ Mode 4
No mode indicator is displayed. The game
moves from mode 1, mode 2 to mode 3 after
each game has been won.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com