Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1609 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT1609
Description  2x 40 Channel LCD Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1609 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT1609 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1609 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1609 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1609 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1609 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1609 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1609 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1609 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1609 Datasheet HTML 10Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
The output levels of channel 1 and 2 are decided by the combination of ALT
and latched data. Refer to the following table:
Latched Data
ALT
Channel 1
(Y0~Y39)
Channel 2
(Y40~Y79)
H
(Selected)
HV1
V1
LV2
V2
L
(Non-selected)
HV3
V3
LV4
V4
Note 2 : Shift direction of channel 1 and 2
Shift Direction of Channel 1 (Channel 2)
SHF1 (SHF2)
Shift Direction
DL1 (DL2)
DR1 (DR2)
H
Y39 to Y0 (Y79 to Y40)
OUT
IN
L
Y0 to Y39 (Y40 to Y79)
IN
OUT
Absolute Maximum Ratings*
Supply Voltage .............................. –0.3V to 5.5V
Storage Temperature................. –50
°C to 125°C
Input Voltage..................VSS–0.3V to VDD+0.3V
Operating Temperature............... –20
°C to 70°C
*Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maxi-
mum Ratings” may cause substantial damage to the device. Functional operation of this
device at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
HT1609L
6
25th Aug ’98



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com