Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1622 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT1622
Description  RAM Mapping 32x8 LCD Controller for I/O xC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1622 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT1622 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
HT1622
8
April 21, 2000
90%
50%
10%
GN D
WR , R D
Cl o c k
t f
t r
t CL K
t CL K
V DD
Figure 1
50%
VA L I D D A T A
50%
DB
W R , R D
Cl o c k
GN D
t su
t h
V DD
V DD
GN D
Figure 2
Functional Description
Display memory - RAM structure
The static display RAM is organized into 64´4
bits and stores the display data. The contents of
the RAM are directly mapped to the contents of
the LCD driver. Data in the RAM can be ac-
cessed by the READ, WRITE and
READ-MODIFY-WRITE commands. The fol-
lowing is a mapping from the RAM to the LCD
patterns.
Time base and Watchdog Timer (WDT)
The time base generator and WDT share the
same divided (/256) counter. TIMER
DIS/EN/CLR, WDT DIS/EN/CLR and IRQ
EN/DIS are independent from each other. Once
the WDT time-out occurs, the IRQ pin will re-
main at logic low level until the CLR WDT or
the IRQ DIS command is issued.
SE G 0
SE G 1
SE G 2
SE G 3
SE G 3 1
CO M 4
CO M 5
CO M 6
CO M 7
D3
D2
D1
D0
Da t a
A ddr
63
1
3
5
7
CO M 0
CO M 1
CO M 2
CO M 3
A ddr
62
0
2
4
6
Da t a 4 B i t s
( D3 , D 2 , D 1 , D 0 )
A ddr es s 6 B i t s
( A 5 , A 4 , .... , A 0 )
D3
D2
D1
D0
Da t a
RAM mapping
CS
GN D
50 %
50 %
FI R S T
Cl o c k
LA S T
Cl o c k
GN D
W R , R D
Cl o c k
t su 1
t h1
t CS
V DD
V DD
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com