Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT23C010 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT23C010
Description  CMOS 128K쨈 8-Bit Mask ROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT23C010 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT23C010 Datasheet HTML 1Page - Holtek Semiconductor Inc HT23C010 Datasheet HTML 2Page - Holtek Semiconductor Inc HT23C010 Datasheet HTML 3Page - Holtek Semiconductor Inc HT23C010 Datasheet HTML 4Page - Holtek Semiconductor Inc HT23C010 Datasheet HTML 5Page - Holtek Semiconductor Inc HT23C010 Datasheet HTML 6Page - Holtek Semiconductor Inc HT23C010 Datasheet HTML 7Page - Holtek Semiconductor Inc HT23C010 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
Description
A0~A16
I
Address inputs
D0~D7
O
Data outputs
CE/CE/OE1/OE1
I
Chip enable output enable input
VSS
I
Negative power supply
VCC
I
Positive power supply
OE/OE/NC
I
Output enable input
NC
—
No connection
Operation Truth Table
Mode
CE/CE
OE/OE
A0~A16
D0~D7
Read
H/L
H/L
Valid
Data Out
Deselect
H/L
L/H
X
High Z
Standby
L/H
X
X
High Z
Note: H=VIH, L=VIL, X=VIH or VIL
HT23C010
2
24th Aug ’98



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com