Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55008 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PD55008
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55008 Datasheet(HTML) 1 Page - STMicroelectronics

  PD55008 Datasheet HTML 1Page - STMicroelectronics PD55008 Datasheet HTML 2Page - STMicroelectronics PD55008 Datasheet HTML 3Page - STMicroelectronics PD55008 Datasheet HTML 4Page - STMicroelectronics PD55008 Datasheet HTML 5Page - STMicroelectronics PD55008 Datasheet HTML 6Page - STMicroelectronics PD55008 Datasheet HTML 7Page - STMicroelectronics PD55008 Datasheet HTML 8Page - STMicroelectronics PD55008 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
March, 21 2003
PD55008
PD55008S
RF POWER TRANSISTORS
The LdmoST Plastic FAMILY
N-CHANNEL ENHANCEMENT-MODE LATERAL
MOSFETs
• EXCELLENT THERMAL STABILITY
• COMMON SOURCE CONFIGURATION
• POUT = 8 W with 17 dB gain @ 500 MHz / 12.5V
• NEW RF PLASTIC PACKAGE
DESCRIPTION
The PD55008 is a common source N-Channel, en-
hancement-mode lateral Field-Effect RF power
transistor. It is designed for high gain, broad band
commercial and industrial applications. It operates
at 12 V in common source mode at frequencies up
to 1 GHz.
PD55008 boasts the excellent gain, linearity and
reliability of ST’s latest LDMOS technology mount-
ed in the first true SMD plastic RF power package,
PowerSO-10RF. PD55008’s superior linearity per-
formance makes it an ideal solution for car mobile
radio.
The PowerSO-10 plastic package, designed to of-
fer high reliability, is the first ST JEDEC approved,
high power SMD package. It has been specially
optimized for RF needs and offers excellent RF
performances and ease of assembly.
PowerSO-10RF
(formed lead)
ORDER CODE
PD55008
BRANDING
PD55008
PowerSO-10RF
(straight lead)
ORDER CODE
PD55008S
BRANDING
PD55008S
ABSOLUTE MAXIMUM RATINGS (TCASE = 25°C)
Symbol
Parameter
Value
Unit
V(BR)DSS
Drain-Source Voltage
40
V
VGS
Gate-Source Voltage
± 20
V
ID
Drain Current
4
A
PDISS
Power Dissipation (@ Tc = 70°C)
52.8
W
Tj
Max. Operating Junction Temperature
165
°C
TSTG
Storage Temperature
-65 to +150
°C
THERMAL DATA
Rth(j-c)
Junction -Case Thermal Resistance
1.8
°C/W
Mounting recommendations are available in
www.st.com/rf/ (look for application note AN1294)


Similar Part No. - PD55008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD55008 ETC1-PD55008 Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
PD55008 STMICROELECTRONICS-PD55008 Datasheet
120Kb / 10P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
May-2000
PD55008-E STMICROELECTRONICS-PD55008-E Datasheet
414Kb / 28P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
07-Apr-2006
PD55008-E STMICROELECTRONICS-PD55008-E Datasheet
501Kb / 25P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
20-May-2010
PD55008-E STMICROELECTRONICS-PD55008-E_10 Datasheet
501Kb / 25P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
20-May-2010
More results

Similar Description - PD55008

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55003 STMICROELECTRONICS-PD55003 Datasheet
309Kb / 19P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD55003L STMICROELECTRONICS-PD55003L Datasheet
134Kb / 13P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
17-Jun-2003
PD55015-PD55015S STMICROELECTRONICS-PD55015-PD55015S Datasheet
120Kb / 10P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
May-2000
PD55025 STMICROELECTRONICS-PD55025 Datasheet
289Kb / 13P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD55035 STMICROELECTRONICS-PD55035 Datasheet
181Kb / 14P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD57002 STMICROELECTRONICS-PD57002 Datasheet
131Kb / 16P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
07-Mar-2003
PD57018 STMICROELECTRONICS-PD57018 Datasheet
47Kb / 4P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
Jun-2000
PD57030 STMICROELECTRONICS-PD57030 Datasheet
47Kb / 4P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
May-2000
PD54003L-E STMICROELECTRONICS-PD54003L-E Datasheet
143Kb / 13P
RF Power Transistors The LdmoST Plastic FAMILY
04-Jan-2006
PD54008L-E STMICROELECTRONICS-PD54008L-E Datasheet
215Kb / 15P
RF power transistors The LdmoST Plastic family
23-Jan-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com